Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36L0T7050T2 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M36L0T7050T2
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36L0T7050T2 Datasheet(HTML) 1 Page - Numonyx B.V

  M36L0T7050T2 Datasheet HTML 1Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 2Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 3Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 4Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 5Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 6Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 7Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 8Page - Numonyx B.V M36L0T7050T2 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
November 2007
Rev 0.2
1/22
1
M36L0T7050T2
M36L0T7050B2
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory
and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
Feature summary
Multi-Chip Package
– 1 die of 128 Mbit (8Mb x16, Multiple Bank,
Multi-level, Burst) Flash Memory
– 1 die of 32 Mbit (2Mb x16) Pseudo SRAM
Supply voltage
–VDDF = 1.7 to 1.95V
–VCCP = VDDQ = 2.7 to 3.1V
–VPPF = 9V for fast program
Electronic signature
– Manufacturer Code: 20h
– Device Code (Top Flash Configuration)
M36L0T7050T2: 88C4h
– Device Code (Bottom Flash Configuration)
M36L0T7050B2: 88C5h
ECOPACK® packages available
Flash memory
Synchronous / Asynchronous Read
– Synchronous Burst Read mode: 52MHz
– Random Access: 85ns
Synchronous Burst Read Suspend
Programming time
– 2.5µs typical Word program time using
Buffer Enhanced Factory Program
command
Memory organization
– Multiple Bank Memory Array: 8 Mbit Banks
– Parameter Blocks (Top or Bottom location)
Dual operations
– program/erase in one Bank while read in
others
– No delay between read and write
operations
Block locking
– All blocks locked at power-up
– Any combination of blocks can be locked
with zero latency
–WP for Block Lock-Down
– Absolute Write Protection with VPP = VSS
Security
– 64 bit unique device number
– 2112 bit user programmable OTP Cells
Common Flash Interface (CFI)
100,000 program/erase cycles per block
PSRAM
Access time: 65ns
8-Word Page Access capability: 18ns
Low standby current: 100µA
Deep power down current: 10µA
Compatible with standard LPSRAM
Power-down modes
– Deep Power-Down
– 4 Mbit Partial Array Refresh
– 8 Mbit Partial Array Refresh
TFBGA88 (ZAQ)
8 x 10mm
FBGA
www.numonyx.com


Similar Part No. - M36L0T7050T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0T7050T0 STMICROELECTRONICS-M36L0T7050T0 Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQE STMICROELECTRONICS-M36L0T7050T0ZAQE Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQF STMICROELECTRONICS-M36L0T7050T0ZAQF Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
M36L0T7050T0ZAQT STMICROELECTRONICS-M36L0T7050T0ZAQT Datasheet
361Kb / 18P
   128Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32Mbit (2M x16) PSRAM, Multi-Chip Package
More results

Similar Description - M36L0T7050T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com