Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W160FBB80N3F Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29W160FBB80N3F
Description  16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W160FBB80N3F Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29W160FBB80N3F Datasheet HTML 7Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 8Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 9Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 10Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 11Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 12Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 13Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 14Page - Numonyx B.V M29W160FBB80N3F Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
M29W160FT, M29W160FB, M29W320FT, M29W320FB
Description
11/57
Figure 6.
M29W160FT/B block addresses (x 16)
1.
Also see Appendix A, Tables 19 and 20 for a full listing of the block addresses.
Figure 7.
M29W320FT/B block addresses (x 16)
1.
Also see Appendix A, Tables 21 and 22 for a full listing of the block addresses.
AI12391b
8 Kword
FFFFFh
FE000h
32 Kword
0FFFFh
08000h
32 Kword
07FFFh
00000h
M29W160FT
Top Boot block addresses (x 16)
16 Kword
FBFFFh
F8000h
32 Kword
F0000h
F7FFFh
Total of 31
32 Kword blocks
8 Kword
FFFFFh
F8000h
32 Kword
32 Kword
01FFFh
00000h
M29W160FB
Bottom Boot block addresses (x 16)
16 Kword
F7FFFh
0FFFFh
32 Kword
F0000h
08000h
Total of 31
32 Kword blocks
07FFFh
04000h
4 Kword
4 Kword
FDFFFh
FD000h
FCFFFh
FC000h
4 Kword
4 Kword
03FFFh
03000h
02FFFh
02000h
AI13250b
8 Kword
1FFFFFh
1FE000h
32 Kword
00FFFFh
008000h
32 Kword
007FFFh
000000h
M29W320FT
Top Boot block addresses (x 16)
16 Kword
1FBFFFh
1F8000h
32 Kword
1F0000h
1F7FFFh
Total of 63
32 Kword blocks
8 Kword
1FFFFFh
1F8000h
32 Kword
32 Kword
001FFFh
000000h
M29W320FB
Bottom Boot block addresses (x 16)
16 Kword
1F7FFFh
00FFFFh
32 Kword
1F0000h
008000h
Total of 63
32 Kword blocks
007FFFh
004000h
4 Kword
4 Kword
1FDFFFh
1FD000h
1FCFFFh
1FC000h
4 Kword
4 Kword
003FFFh
003000h
002FFFh
002000h


Similar Part No. - M29W160FBB80N3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160 STMICROELECTRONICS-M29W160 Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W160BB STMICROELECTRONICS-M29W160BB Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W160BB120M1T STMICROELECTRONICS-M29W160BB120M1T Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W160BB120M6T STMICROELECTRONICS-M29W160BB120M6T Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W160BB120N1T STMICROELECTRONICS-M29W160BB120N1T Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W160FBB80N3F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com