Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS244ALHTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS244ALHTR
Description  MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244ALHTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS244ALHTR Datasheet HTML 2Page - STMicroelectronics LIS244ALHTR Datasheet HTML 3Page - STMicroelectronics LIS244ALHTR Datasheet HTML 4Page - STMicroelectronics LIS244ALHTR Datasheet HTML 5Page - STMicroelectronics LIS244ALHTR Datasheet HTML 6Page - STMicroelectronics LIS244ALHTR Datasheet HTML 7Page - STMicroelectronics LIS244ALHTR Datasheet HTML 8Page - STMicroelectronics LIS244ALHTR Datasheet HTML 9Page - STMicroelectronics LIS244ALHTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Block diagram and pin description
LIS244ALH
6/16
Table 2.
Pin description
Pin #
Pin name
Function
1
FS
Full scale selection (Logic 0: ±2g Full-scale; Logic 1: ±6g Full-scale)
2
ST
Self test (Logic 0: normal mode; Logic 1: Self-test mode)
3
NC
Internally not connected
4
Res
Leave Unconnected or Connect to Vdd
5
PD
Power Down (Logic 0: normal mode; Logic 1: Power-Down mode)
6
NC
Internally not connected
7
GND
0V supply
8
NC
Internally not connected
9
NC
Internally not connected
10
VoutY
Output voltage Y channel
11
NC
Internally not connected
12
VoutX
Output voltage X channel
13
NC
Internally not connected
14
Vdd
Power supply
15
Res
Connect to Vdd
16
NC
Internally not connected


Similar Part No. - LIS244ALHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
LIS244ALTR STMICROELECTRONICS-LIS244ALTR Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
More results

Similar Description - LIS244ALHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS344ALH_0804 STMICROELECTRONICS-LIS344ALH_0804 Datasheet
220Kb / 19P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AQ3 STMICROELECTRONICS-LIS2L02AQ3 Datasheet
227Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L02AS4 STMICROELECTRONICS-LIS3L02AS4 Datasheet
245Kb / 14P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com