Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW324DT70ZE1T Datasheet(PDF) 8 Page - Numonyx B.V

Part # M29DW324DT70ZE1T
Description  32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW324DT70ZE1T Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M29DW324DT70ZE1T Datasheet HTML 4Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 5Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 6Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 7Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 8Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 9Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 10Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 11Page - Numonyx B.V M29DW324DT70ZE1T Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
M29DW324DT, M29DW324DB
8/50
Figure 5. Block Addresses (x8)
Note: 1. Used as Extended Block Addresses in Extended Block mode.
2. Also see APPENDIX A., Tables 23 and 24 for a full listing of the Block Addresses.
AI06803
64 KByte or
32 KWord
000000h
00FFFFh
64 KByte or
32 KWord
3E0000h
3EFFFFh
Top Boot Block (x8)
Address lines A20-A0, DQ15A-1
64 KByte or
32 KWord
1F0000h
1FFFFFh
Total of 32
Main Blocks
64 KByte or
32 KWord
200000h
20FFFFh
8 KByte or
4 KWord
3FE000h
3FFFFFh
8 KByte or
4 KWord
3F0000h
3F1FFFh
Total of 31
Main Blocks
Total of 8
Parameter
Blocks (1)
Bank B
Bank A
8 KByte or
4 KWord
000000h
001FFFh
64 KByte or
32 KWord
1F0000h
1FFFFFh
Bottom Boot Block (x8)
Address lines A20-A0, DQ15A-1
8 KByte or
4 KWord
00E000h
00FFFFh
Total of 8
Parameter
Blocks (1)
64 KByte or
32 KWord
010000h
01FFFFh
64 KByte or
32 KWord
3F0000h
3FFFFFh
64 KByte or
32 KWord
200000h
20FFFFh
Total of 31
Main Blocks
Total of 32
Main Blocks
Bank B
Bank A


Similar Part No. - M29DW324DT70ZE1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT70ZE1T STMICROELECTRONICS-M29DW324DT70ZE1T Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29DW324DT70ZE1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com