Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1541AAB1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LH1541AAB1
Description  1 Form A Solid State Relay (Low Capacitance)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1541AAB1 Datasheet(HTML) 1 Page - Vishay Siliconix

  LH1541AAB1 Datasheet HTML 1Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 2Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 3Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 4Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 5Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 6Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 7Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LH1541AAB1/ AAB1TR/ AT1
Document Number 83834
Rev. 1.4, 05-Oct-06
Vishay Semiconductors
www.vishay.com
1
SS'
18035
DIP
SMD
4
65
12
3
SNCS'
S
1 Form A Solid State Relay (Low Capacitance)
Features
• Low Capacitance Switch (5.0 pF)
• Isolation Test Voltage 5300 VRMS
• Extremely High OFF-resistance (100 G
Ω)
• Load Voltage 200 V
• Clean Bounce Free Switching
• Low Power Consumption
• High Reliability Monolithic Receptor
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• CSA - Certification 093751
• BSI/BABT Cert. No. 7980
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
• FIMKO Approval
Applications
• Instrumentation
- Thermocouple Switching
- Analog Multiplexing
• Reed Relay Replacement
• Programmable Logic Controllers
• Data Acquisition
• Test Equipment
Description
These SSRs (LH1541, 1 Form A) are SPST normally
open switches which can replace electromechanical
relays in many applications. The relays provide a low
capacitance, high-voltage switch contact with high off
resistance and low switch-offset voltage. These char-
acteristics, combined with high-speed actuation,
result an SSR which is ideal for small signal and dc
instrumentation applications.
The relays are constructed by using a GaAlAs LED for
actuation control and an integrated monolithic die for
the switch output. The die is comprised of a photo-
diode array, switch-control circuity, and low-capaci-
tance MOSFET switches.
Order Information
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Ratings for extended periods of time can adversely affect reliability.
SSR
Part
Remarks
LH1541AAB1
Tubes, SMD-6
LH1541AAB1TR
Tape and Reel, SMD-6
LH1541AT1
Tubes, DIP-6
Parameter
Test condition
Symbol
Value
Unit
LED continuous forward current
IF
50
mA
LED reverse voltage
IR ≤ 10 µA
VR
8.0
V
DC or peak AC load voltage
IL ≤ 50 µA
VL
200
V
RoHS
COMPLIANT
Pb-free
e3


Similar Part No. - LH1541AAB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1541AAB1 VISHAY-LH1541AAB1 Datasheet
389Kb / 5P
   1 Form A Solid State Relay(Low Capacitance)
Revision 17-August-01
LH1541AAB1TR VISHAY-LH1541AAB1TR Datasheet
389Kb / 5P
   1 Form A Solid State Relay(Low Capacitance)
Revision 17-August-01
More results

Similar Description - LH1541AAB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1541AT1 VISHAY-LH1541AT1 Datasheet
389Kb / 5P
   1 Form A Solid State Relay(Low Capacitance)
Revision 17-August-01
LH1544AAC VISHAY-LH1544AAC Datasheet
172Kb / 8P
   Dual 1 Form A Solid State Relay (Low Capacitance)
Rev. 1.3, 26-Oct-04
LH1544AAC VISHAY-LH1544AAC_11 Datasheet
164Kb / 7P
   Dual 1 Form A Solid State Relay (Low Capacitance)
Rev. 1.6, 17-Mar-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com