Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W320DT90N6E Datasheet(PDF) 6 Page - Numonyx B.V

Part # M29W320DT90N6E
Description  32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320DT90N6E Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M29W320DT90N6E Datasheet HTML 2Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 3Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 4Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 5Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 6Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 7Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 8Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 9Page - Numonyx B.V M29W320DT90N6E Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Summary description
M29W320DT, M29W320DB
6/56
1
Summary description
The M29W320D is a 32 Mbit (4Mb x8 or 2Mb x16) non-volatile memory that can be read,
erased and reprogrammed. These operations can be performed using a single low voltage
(2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be
read in the same way as a ROM or EPROM.
The memory is divided into blocks that can be erased independently so it is possible to
preserve valid data while old data is erased. Each block can be protected independently to
prevent accidental Program or Erase commands from modifying the memory. Program and
Erase commands are written to the Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of programming or erasing the memory by
taking care of all of the special operations that are required to update the memory contents.
The end of a program or erase operation can be detected and any error conditions
identified. The command set required to control the memory is consistent with JEDEC
standards.
The blocks in the memory are asymmetrically arranged, see Figure 4 and Figure 5, Table 19
and Table 20. The first or last 64 Kbytes have been divided into four additional blocks. The
16 Kbyte Boot Block can be used for small initialization code to start the microprocessor, the
two 8 Kbyte Parameter Blocks can be used for parameter storage and the remaining 32
Kbyte is a small Main Block where the application may be stored.
Chip Enable, Output Enable and Write Enable signals control the bus operation of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The memory is offered in TSOP48 (12 x 20mm), and TFBGA48 (6x8mm, 0.8mm pitch)
packages. In order to meet environmental requirements, Numonyx offers the M29W320D in
ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label.
The memory is supplied with all the bits erased (set to 1).


Similar Part No. - M29W320DT90N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DT90N6E STMICROELECTRONICS-M29W320DT90N6E Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W320DT90N6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
logo
Sharp Corporation
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
   32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
   32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com