Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640FT60N6E Datasheet(PDF) 6 Page - Numonyx B.V

Part # M29W640FT60N6E
Description  64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640FT60N6E Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M29W640FT60N6E Datasheet HTML 2Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 3Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 4Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 5Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 6Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 7Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 8Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 9Page - Numonyx B.V M29W640FT60N6E Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
List of figures
M29W640FT, M29W640FB
6/71
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
TSOP connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
TFBGA48 connections (top view through package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Data Polling flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 5.
Data Toggle flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 6.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 7.
AC measurement Load Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 8.
Read Mode AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 9.
Page Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 10.
Write AC waveforms, Write Enable controlled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 11.
Write AC waveforms, Chip Enable controlled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 12.
Reset/Block Temporary Unprotect AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 13.
Accelerated Program Timing waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 14.
TSOP48 – 48 lead Plastic Thin Small Outline, 12 x 20mm, top view package outline . . . . 44
Figure 15.
TFBGA48 6x8mm - 6x8 active ball array, 0.8mm pitch, package outline . . . . . . . . . . . . . . 45
Figure 16.
Programmer Equipment Group Protect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 17.
Programmer Equipment Chip Unprotect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 18.
In-System Equipment Group Protect flowchart. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 19.
In-System Equipment Chip Unprotect flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69


Similar Part No. - M29W640FT60N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT60N6E STMICROELECTRONICS-M29W640FT60N6E Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W640FT60N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W640GH NUMONYX-M29W640GH Datasheet
1Mb / 90P
   64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com