Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW641F90N1 Datasheet(PDF) 8 Page - Numonyx B.V

Part # M29DW641F90N1
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F90N1 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M29DW641F90N1 Datasheet HTML 4Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 5Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 6Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 7Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 8Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 9Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 10Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 11Page - Numonyx B.V M29DW641F90N1 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Summary description
M29DW641F
8/80
1
Summary description
The M29DW641F is a 64 Mbit (4Mb x16) non-volatile memory that can be read, erased and
reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V)
supply. On power-up the memory default to its Read mode.
The device features an asymmetrical block architecture, with 16 parameter and 126 main
blocks, divided into four Banks, A, B, C and D, providing Multiple Bank Operations. While
programming or erasing is underway in one group of banks (from 1 to 3), reading can be
conducted in any of the other banks.
Table 2 summarizes the bank architecture. Eight of the
Parameter Blocks are at the top of the memory address space, and eight are at the bottom.
Program and Erase commands are written to the Command Interface of the memory. An on-
chip Program/Erase Controller simplifies the process of programming or erasing the
memory by taking care of all of the special operations that are required to update the
memory contents. The end of a Program or Erase Operation can be detected and any error
conditions identified. The command set required to control the memory is consistent with
JEDEC standards.
The Chip Enable, Output Enable and Write Enable signals control the Bus Operation of the
memories. They allow simple connection to most microprocessors, often without additional
logic.
The M29DW641F has one extra 128 Word block (Extended Block) that can be accessed
using a dedicated command. The Extended Block can be protected and so is useful for
storing security information. However the protection is irreversible, once protected the
protection cannot be undone.
Each block can be erased independently, so it is possible to preserve valid data while old
data is erased.
The device features different levels of hardware and software block protection to avoid
unwanted program or erase (modify). The software block protection features are available in
16 bit memory organization only:
Hardware Protection:
–The VPP/WP provides a hardware protection of the four outermost parameter
blocks (two at the top and two at the bottom of the address space).
–The RP pin temporarily unprotects all the blocks previously protected using a High
voltage Block Protection technique (see
Appendix D: High voltage Block
Protection).
Software Protection
Standard Protection
Password Protection
The memory is offered in TSOP48 (12x20mm) and TFBGA48 (6x8mm, 0.8mm pitch)
packages.
In order to meet environmental requirements, Numonyx offers the M29DW641F in
ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. The memory is supplied with all the bits erased (set to ’1’).


Similar Part No. - M29DW641F90N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F90N1

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com