Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6805BOGIR Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM6805BOGIR
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6805BOGIR Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM6805BOGIR Datasheet HTML 1Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6805BOGIR Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CM6805BO
10-PIN Green-Mode PFC/PWM Combo CONTROLLER
2007/11/28 Rev 1.2
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply Vcc=+14V,
TA=Operating Temperature Range (Note 1)
CM6805BO
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PFCOFFB
PFCOFFB Threshold Low
PFCOFFB
4.75
5.0
5.25
V
PFCOFFB Hysteresis
350
500
750
mV
PFC Frequency
Voltage Stability
10V < VCC < 15V
1
%
Temperature Stability
2
%
Total Variation
Line, Temp (CM6805BO)
90
100
110
kHz
PFC Dead Time (Note 2)
0.3
0.45
0.65
us
PFC
Minimum Duty Cycle
IAC=100uA,VFB=2.55V, ISENSE = 0V
1
%
Maximum Duty Cycle
IAC=0uA,VFB=2.0V, ISENSE = 0V
90
95
%
Output Low Rdson
15
22.5
ohm
IOUT = -100mA
0.8
1.5
V
Output Low Voltage
IOUT = -10mA, VCC = 8V
0.4
0.8
V
Output High Rdson
30
45
ohm
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time (Note 2)
CL = 1000pF
50
ns
PWM
Duty Cycle Range
IC
49
49.5
50
%
Output Low Rdson
At room temp
15
22.5
ohm
IOUT = -100mA
0.8
1.5
V
Output Low Voltage
IOUT = -10mA, VCC = 8V
0.7
1.5
V
Output High Rdson (Note 2)
At room temp
30
45
ohm
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time (Note 2)
CL = 1000pF
50
ns
Supply
Start-Up Current
VCC = 11V, CL = 0
135
150
uA
Operating Current
VCC = 15V, CL = 0
2
4
mA
Undervoltage Lockout Threshold
12.35
13
13.65
V
Undervoltage Lockout Hysteresis
2.7
3
3.3
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Guaranteed by design, not 100% production test.


Similar Part No. - CM6805BOGIR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805BOGIR CHAMP-CM6805BOGIR Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BOGIRTR CHAMP-CM6805BOGIRTR Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
More results

Similar Description - CM6805BOGIR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com