Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAQ333 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAQ333
Description  Small Signal Switching Diodes, Low Leakage Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAQ333 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAQ333 Datasheet HTML 1Page - Vishay Siliconix BAQ333 Datasheet HTML 2Page - Vishay Siliconix BAQ333 Datasheet HTML 3Page - Vishay Siliconix BAQ333 Datasheet HTML 4Page - Vishay Siliconix BAQ333 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAQ333 / 334 / 335
Document Number 85538
Rev. 2.0, 07-Mar-06
Vishay Semiconductors
www.vishay.com
1
9612315
Small Signal Switching Diodes, Low Leakage Current
Features
• Silicon Planar Diodes
• Saving space
• Hermetic sealed parts
• Fits onto SOD323 / SOT23 footprints
• Electrical data identical with the devices
BAQ33...BAQ35 / BAQ133...BAQ135
• Very low reverse current
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Protection circuits, time delay circuits, peak
follower circuits, logarithmic amplifiers
Mechanical Data
Case: MicroMELF Glass case
Weight: approx. 12 mg
Cathode Band Color: Black
Packaging Codes/Options:
TR3 / 10 k per 13" reel (8 mm tape), 10 k/box
TR / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAQ333
VRRM = 40 V
BAQ333-TR3 or BAQ333-TR
Tape and Reel
BAQ334
VRRM = 70 V
BAQ334-TR3 or BAQ334-TR
Tape and Reel
BAQ335
VRRM = 140 V
BAQ335-TR3 or BAQ335-TR
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAQ333
VR
30
V
BAQ334
VR
60
V
BAQ335
VR
125
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Forward continuous current
IF
200
mA
e2


Similar Part No. - BAQ333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAQ333 VISHAY-BAQ333 Datasheet
54Kb / 4P
   Silicon Planar Diodes
Rev. 2.1, 01-Aug-12
BAQ333 VISHAY-BAQ333 Datasheet
80Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.1, 01-Aug-12
BAQ333 VISHAY-BAQ333 Datasheet
88Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ333 VISHAY-BAQ333_V01 Datasheet
88Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
More results

Similar Description - BAQ333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAQ133 VISHAY-BAQ133_05 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ33 VISHAY-BAQ33_12 Datasheet
59Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 01-Sep-10
BAQ133 VISHAY-BAQ133_V01 Datasheet
100Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ33 VISHAY-BAQ33_V01 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
BAQ133 VISHAY-BAQ133 Datasheet
96Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 31-Jul-12
BAQ33 VISHAY-BAQ33 Datasheet
87Kb / 5P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.7, 09-Dec-05
BAQ133 VISHAY-BAQ133_12 Datasheet
175Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 20-Aug-10
BAQ33B VISHAY-BAQ33B Datasheet
77Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 1.8, 31-Jul-12
BAQ333 VISHAY-BAQ333 Datasheet
80Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
Rev. 2.1, 01-Aug-12
BAQ333 VISHAY-BAQ333_V01 Datasheet
88Kb / 4P
   Small Signal Switching Diodes, Low Leakage Current
09-Jul-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com