Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W064FT90N3E Datasheet(PDF) 7 Page - Numonyx B.V

Part # M29W064FT90N3E
Description  64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W064FT90N3E Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M29W064FT90N3E Datasheet HTML 3Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 4Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 5Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 6Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 7Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 8Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 9Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 10Page - Numonyx B.V M29W064FT90N3E Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
M29W064FT, M29W064FB
Description
7/69
1
Description
The M29W064F is a 64 Mbit (8 Mbit x 8 or 4 Mbit x 16) non-volatile memory that can be
read, erased and reprogrammed. These operations can be performed using a single low
voltage (2.7 to 3.6 V) supply. On power-up the memory defaults to its read mode.
The memory is divided into blocks that can be erased independently so it is possible to
preserve valid data while old data is erased. Blocks can be protected in units of 256 Kbytes
(generally groups of four 64 Kbyte blocks), to prevent accidental program or erase
commands from modifying the memory. Program and erase commands are written to the
command interface of the memory. An on-chip program/erase controller simplifies the
process of programming or erasing the memory by taking care of all of the special
operations that are required to update the memory contents. The end of a program or erase
operation can be detected and any error conditions identified. The command set required to
control the memory is consistent with JEDEC standards.
The device features an asymmetrical blocked architecture. The device has an array of 135
blocks:
8 parameters blocks of 8 Kbytes each (or 4 Kwords each)
127 main blocks of 64 Kbytes each (or 32 Kwords each)
M29W064FT has the parameter blocks at the top of the memory address space while the
M29W064FB locates the parameter blocks starting from the bottom.
The M29W064F has an extra block, the extended block, of 128 words in x 16 mode or of
256 bytes in x 8 mode that can be accessed using a dedicated command. The extended
block can be protected and so is useful for storing security information. However the
protection is not reversible, once protected the protection cannot be undone.
Chip Enable, Output Enable and Write Enable signals control the bus operation of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The VPP/WP signal is used to enable faster programming of the device, enabling multiple
word/byte programming. If this signal is held at VSS, the boot block, and its adjacent
parameter block, are protected from program and erase operations.
The device supports asynchronous random read and page read from all blocks of the
memory array.
The memories are offered in TSOP48 (12 x 20 mm) package.


Similar Part No. - M29W064FT90N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W002BB STMICROELECTRONICS-M29W002BB Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N1T STMICROELECTRONICS-M29W002BB55N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N6T STMICROELECTRONICS-M29W002BB55N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N1T STMICROELECTRONICS-M29W002BB70N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N6T STMICROELECTRONICS-M29W002BB70N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W064FT90N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com