Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W064FT70N3E Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29W064FT70N3E
Description  64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W064FT70N3E Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29W064FT70N3E Datasheet HTML 7Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 8Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 9Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 10Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 11Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 12Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 13Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 14Page - Numonyx B.V M29W064FT70N3E Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
M29W064FT, M29W064FB
Signal descriptions
11/69
2.7
Write Enable (W)
The Write Enable, W, controls the bus write operation of the memory’s command interface.
2.8
VPP/write protect (VPP/WP)
The VPP/write protect pin provides two functions. The VPP function allows the memory to
use an external high voltage power supply to reduce the time required for unlock bypass
program operations. The write protect function provides a hardware method of protecting
the two outermost boot blocks. The VPP/write protect pin must not be left floating or
unconnected.
When VPP/write protect is Low, VIL, the memory protects the two outermost boot blocks;
program and erase operations in this block are ignored while VPP/Write Protect is Low, even
when RP is at VID.
When VPP/write protect is High, VIH, the memory reverts to the previous protection status of
the two outermost boot blocks. Program and erase operations can now modify the data in
the two outermost boot blocks unless the block is protected using block protection.
Applying VPPH to the VPP/WP pin will temporarily unprotect any block previously protected
(including the two outermost parameter blocks) using a high voltage block protection
technique (in-system or programmer technique). See Table 3: Hardware protection for
details.
When VPP/write protect is raised to VPP the memory automatically enters the unlock bypass
mode. When VPP/write protect returns to VIH or VIL normal operation resumes. During
unlock bypass program operations the memory draws IPP from the pin to supply the
programming circuits. See the description of the Unlock Bypass command in Section 4:
Command interface. The transitions from VIH to VPP and from VPP to VIH must be slower
than tVHVPP, see Figure 12: Accelerated program timing waveforms.
Never raise VPP/Write Protect to VPP from any mode except read mode, otherwise the
memory may be left in an indeterminate state.
A 0.1 µF capacitor should be connected between the VPP/write protect pin and the VSS
ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during unlock bypass program, IPP.
Table 3.
Hardware protection
VPP/WP
RP
Function
VIL
VIH
2 outermost parameter blocks protected from program/erase operations
VID
All blocks temporarily unprotected except the 2 outermost blocks
VIH or VID
VID
All blocks temporarily unprotected
VPPH
VIH or VID
All blocks temporarily unprotected


Similar Part No. - M29W064FT70N3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W002BB STMICROELECTRONICS-M29W002BB Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N1T STMICROELECTRONICS-M29W002BB55N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB55N6T STMICROELECTRONICS-M29W002BB55N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N1T STMICROELECTRONICS-M29W002BB70N1T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W002BB70N6T STMICROELECTRONICS-M29W002BB70N6T Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W064FT70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com