Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28W640HCT Datasheet(PDF) 8 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 4Page - Numonyx B.V M28W640HCT Datasheet HTML 5Page - Numonyx B.V M28W640HCT Datasheet HTML 6Page - Numonyx B.V M28W640HCT Datasheet HTML 7Page - Numonyx B.V M28W640HCT Datasheet HTML 8Page - Numonyx B.V M28W640HCT Datasheet HTML 9Page - Numonyx B.V M28W640HCT Datasheet HTML 10Page - Numonyx B.V M28W640HCT Datasheet HTML 11Page - Numonyx B.V M28W640HCT Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Description
M28W640HCT, M28W640HCB
8/72
Figure 1.
Logic diagram
Table 1.
Signal names
Name
Description
Direction
A0-A21
Address inputs
Inputs
DQ0-DQ15
Data input/output
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset
Input
WP
Write Protect
Input
VDD
Power supply
Power supply
VPP
Optional supply voltage for fast program & erase
Power supply
VSS
Ground
Power supply
NC
Not connected internally
AI09903b
22
A0-A21
W
DQ0-DQ15
VDD
M28W640HCT
M28W640HCB
E
VSS
16
G
RP
WP
VPP


Similar Part No. - M28W640HCT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640 STMICROELECTRONICS-M28W640 Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640C-ZBT STMICROELECTRONICS-M28W640C-ZBT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CB STMICROELECTRONICS-M28W640CB Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CB80N1T STMICROELECTRONICS-M28W640CB80N1T Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CB80N6T STMICROELECTRONICS-M28W640CB80N6T Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M28W640HCT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M28W640FCT STMICROELECTRONICS-M28W640FCT_06 Datasheet
534Kb / 77P
   64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29DW128G NUMONYX-M29DW128G Datasheet
254Kb / 11P
   128 Mbit (8 Mb x 16, multiple bank, page, dual boot) 3 V supply Flash memory
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com