Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PX64 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25PX64
Description  64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX64 Datasheet(HTML) 1 Page - Numonyx B.V

  M25PX64 Datasheet HTML 1Page - Numonyx B.V M25PX64 Datasheet HTML 2Page - Numonyx B.V M25PX64 Datasheet HTML 3Page - Numonyx B.V M25PX64 Datasheet HTML 4Page - Numonyx B.V M25PX64 Datasheet HTML 5Page - Numonyx B.V M25PX64 Datasheet HTML 6Page - Numonyx B.V M25PX64 Datasheet HTML 7Page - Numonyx B.V M25PX64 Datasheet HTML 8Page - Numonyx B.V M25PX64 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2008
Rev 2
1/66
1
M25PX64
64-Mbit, dual I/O, 4-Kbyte subsector erase,
serial flash memory with 75 MHz SPI bus interface
Features
SPI bus compatible serial interface
75 MHz (maximum) clock frequency
2.7 V to 3.6 V single supply voltage
Dual input/output instructions resulting in an
equivalent clock frequency of 150 MHz:
– Dual output fast read instruction
– Dual input fast program instruction
Whole memory continuously read by sending
once a fast read or a dual output fast read
instruction and an address
64 Mbit Flash memory
– Uniform 4-Kbyte subsectors
– Uniform 64-Kbyte sectors
Additional 64-byte user-lockable, one-time
programmable (OTP) area
Erase capability
– Subsector (4-Kbyte) granularity
– Sector (64-Kbyte) granularity
– Bulk erase (64 Mbits) in 35 s (typical with
VPP = 9 V)
Write protections
– Software write protection applicable to
every 64-Kbyte sector (volatile lock bit)
– Hardware write protection: protected area
size defined by three non-volatile bits (BP0,
BP1 and BP2)
Deep power-down mode: 5 µA (typical)
Electronic signature
– JEDEC standard two-byte signature
(7117h)
– Unique ID code (UID) with 16 bytes read-
only, available upon customer request
More than 100 000 write cycles per sector
More than 20 years data retention
Packages
– ECOPACK® (RoHS compliant)
VDFPN8 (ME)
8 × 6 mm (MLP8)
SO16 (MF)
300 mils width
www.numonyx.com


Similar Part No. - M25PX64

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX64-VME6G MICRON-M25PX64-VME6G Datasheet
755Kb / 56P
   Micron M25PX64 Serial Flash Embedded Memory
M25PX64-VMF MICRON-M25PX64-VMF Datasheet
755Kb / 56P
   Micron M25PX64 Serial Flash Embedded Memory
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
More results

Similar Description - M25PX64

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com