Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17431FPJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA17431FPJ
Description  Shunt Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431FPJ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA17431FPJ Datasheet HTML 1Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 2Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 3Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 4Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 5Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 6Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 7Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 8Page - Renesas Technology Corp HA17431FPJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HA17431VPJ/PJ/PAJ/FPJ/FPAJ/PNAJ/UPA, HA17432UPA
REJ03D0892-0100 Rev.1.00 Apr 03, 2007
Page 2 of 17
Ordering Information
Reference voltage (at 25°C)
Item
Normal Version
±4%
2.395V to
2.495V to
2.595V
A Version
±2.2%
2.440V to
2.495V to
2.550V
V Version
±1%
2.475V to
2.500V to
2.525V
Package Code
(Package Name)
Operating
Temperature
Range
HA17431FPAJ
O
PRSP0008DE-B
(FP-8DGV)
HA17431FPJ
O
PRSP0008DE-B
(FP-8DGV)
HA17431PAJ
O
PRSS0003DC-A
(TO-92MODV)
HA17431PJ
O
PRSS0003DC-A
(TO-92MODV)
HA17431PNAJ
O
PRSS0003DA-A
(TO-92V)
Car use
HA17431VPJ
O
PRSS0003DA-A
(TO-92V)
–40 to +85°C
HA17431UPA
O
PLZZ0004CA-A
(UPAKV)
Industrial
use
HA17432UPA
O
PLZZ0004CA-A
(UPAKV)
–20 to +85°C
Pin Arrangement
A
A
K
REF
UPAKV
(HA17431UPA)
123
A
123
A
REF
K
UPAKV
(HA17432UPA)
2
3
1
A
K
REF
Mark side
TO-92V
2
3
1
A
K
REF
Mark side
TO-92MODV
FP-8DGV
12
3
4
87
6
5
REF NC
A
NC
KNC NC NC


Similar Part No. - HA17431FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431FP HITACHI-HA17431FP Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HA17431FP RENESAS-HA17431FP Datasheet
246Kb / 20P
   Shunt Regulato
logo
Hitachi Semiconductor
HA17431FPA HITACHI-HA17431FPA Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431FPA HITACHI-HA17431FPA Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
HA17431FPA HITACHI-HA17431FPA Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
More results

Similar Description - HA17431FPJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com