Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1996 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1996
Description  Multi-string LED Back-light Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1996 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1996 Datasheet HTML 2Page - Microsemi Corporation LX1996 Datasheet HTML 3Page - Microsemi Corporation LX1996 Datasheet HTML 4Page - Microsemi Corporation LX1996 Datasheet HTML 5Page - Microsemi Corporation LX1996 Datasheet HTML 6Page - Microsemi Corporation LX1996 Datasheet HTML 7Page - Microsemi Corporation LX1996 Datasheet HTML 8Page - Microsemi Corporation LX1996 Datasheet HTML 9Page - Microsemi Corporation LX1996 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LX1996
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2007
Rev. 1.0, 2007-12-14
Multi-string LED Back-light Controller
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -400C < Temp <850C, and the
following test conditions: VIN=12V, VOT = 3V, EN = VIN , RPRG= 4.99 kΩ, L=6.8μH, RSRC= 0.075Ω, COUTPUT = 4.7uF
LED Short Protection
Threshold
Vcs
Voltage at CS pin that latches off it’s
respective string.
15
V
CS pin Over-voltage Limit
VCS
Voltage at CS pin that clamps Boost Output
23
25
27
V
LED Current Sink Outputs
VCS = 0.8V; DI ≥ 2.0V; Direct Analog Dimming
Mode
19.2
20
20.8
mA
LED DC Current Programming
Accuracy (including string to
string matching)
ICS
RPRG = 6.65k (LED current set for15mA);, VCS
= 0.8V; DI ≥ 2.0V; Direct Analog Dimming
Mode
14.4
15
15.6
mA
Analog Dimming Accuracy
ICS
DI=0.5V; Direct Analog Dimming Mode
5
mA
Direct Digital Dimming
Accuracy
ICSAVG
Direct Digital Dimming Mode; VCS = 0.8V;
PWM input at 25kHz , 25% duty cycle;
Average (DC) LED current.
5
mA
Current Matching between
strings (Note 3).
ICS-MATCH
VIN = 6V to 28V; -40°C to 85°C; VCS = 0.8V
to 5V; DI ≥ 2.0V; Direct Analog Dimming Mode
-1.3
1.3
%
Regulated CS Pin Voltage
At the lowest CS pin, ICS = 20mA
0.5
0.75
V
LED current On Rise Time
TCS_Rise
200
ns
LED current Off Fall Time
TCS_Fall
400
ns
Csx current to PRG current
Ratio
ICS/IPRG
50
PRG Reference Voltage
VPRG
2.0
V
LED Current Temperature Profiler
LED Over Temperature Shut-
down Voltage Threshold
VOT
1.47
V
OT Recovery Voltage
Threshold
VOT
1.8
V
OT Input Bias Current
1
μA
VPRG
VOT = 2.48V
2.0
V
VPRG
VOT = 1.8V
1.2
V
VOT Input vs. PRG pin
Reference Voltage (Note 1, 2)
VPRG
VOT = 1.47V
0.8
V
VLDO Regulator
Vin ≥6.5V; 0mA ≤ IVLDO ≤ 6.0mA
4.75
5.0
5.25
V
VLDO Output Voltage
VLDO
Vin < 6.5V; 0mA ≤ IVLDO ≤ 6.0mA
4.5
5.25
V
VLDO Source Current
IVLDO
External available current
1
mA
UVLO
VUVLO
VLDO rising
4.0
4.25
4.5
V
UVLO Hysteresis
0.25
V
Boost Converter
DRV Rise Time
TRISE
CL = 1000pF; 10% to 90% of VLDO
25
nsec
DRV Fall Time
TFALL
CL = 1000pF; 90% to 10% of VLDO
14
ns


Similar Part No. - LX1996

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25710 TI-UCC25710_15 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
UCC25710 TI1-UCC25710 Datasheet
1Mb / 34P
[Old version datasheet]   LLC Half-Bridge Controller For Multi-String LED Lighting
logo
Sanyo Semicon Device
PCP1208 SANYO-PCP1208 Datasheet
390Kb / 4P
   LED Back Light
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
List of Unclassifed Man...
SK6812 ETC1-SK6812 Datasheet
446Kb / 7P
   Full color LED string light, LED full color module
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
logo
Eutech Microelectronics...
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
   12 String White LED Driver With Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com