Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PE80-VMN6P Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25PE80-VMN6P
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMN6P Datasheet(HTML) 1 Page - Numonyx B.V

  M25PE80-VMN6P Datasheet HTML 1Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 2Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 3Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 4Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 5Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 6Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 7Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 8Page - Numonyx B.V M25PE80-VMN6P Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
April 2008
Rev 7
1/66
1
M25PE80
8-Mbit, page-erasable serial flash memory with
byte alterability, 75 MHz SPI bus, standard pinout
Features
SPI bus compatible serial interface
8-Mbit page-erasable flash memory
Page size: 256 bytes
– Page write in 11 ms (typical)
– Page program in 0.8 ms (typical)
– Page erase in 10 ms (typical)
Subsector erase (4 Kbytes)
Sector erase (64 Kbytes)
Bulk erase (8 Mbits)
2.7 V to 3.6 V single supply voltage
75 MHz clock rate (maximum)
Deep power-down mode 1 µA (typical)
Electronic signature
– JEDEC standard two-byte signature
(8014h)
– Unique ID code (UID) with 16 bytes read-
only, available upon customer request only
in the T9HX process
Software write protection on a 64-Kbyte sector
basis
Hardware write protection of the memory area
selected using the BP0, BP1 and BP2 bits
More than 100 000 write cycles
More than 20 years data retention
Packages
– ECOPACK® (RoHS compliant)
VFQFPN8 (MP)
6 x 5 mm (MLP8)
SO8W (MW)
208 mils width
SO8N (MN)
150 mils width
QFN8L (MS)
6 x 5 mm (MLP8)
www.numonyx.com


Similar Part No. - M25PE80-VMN6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80-VMN6P STMICROELECTRONICS-M25PE80-VMN6P Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
More results

Similar Description - M25PE80-VMN6P

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com