Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25PE80-VMW6TP Datasheet(PDF) 6 Page - Numonyx B.V

Part # M25PE80-VMW6TP
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMW6TP Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M25PE80-VMW6TP Datasheet HTML 2Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 3Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 4Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 5Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 6Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 7Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 8Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 9Page - Numonyx B.V M25PE80-VMW6TP Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Description
M25PE80
6/66
1
Description
The M25PE80 is an 8-Mbit (1 Mb ×8) serial paged flash memory accessed by a high speed
SPI-compatible bus.
The memory can be written or programmed 1 to 256 bytes at a time, using the page write or
page program instruction. The page write instruction consists of an integrated page erase
cycle followed by a page program cycle.
The memory is organized as 16 sectors that are further divided up into 16 subsectors each
(256 subsectors in total). Each sector contains 256 pages and each subsector contains 16
pages. Each page is 256-byte wide. Thus, the whole memory can be viewed as consisting
of 4096 pages, or 1 048 576 bytes.
The memory can be erased a page at a time, using the page erase instruction, a subsector
at a time, using the subsector erase instruction, a sector at a time, using the sector erase
instruction, or as a whole, using the bulk erase instruction.
The memory can be write protected by either hardware or software using a mix of volatile
and non-volatile protection features, depending on the application needs. The protection
granularity is of 64 Kbytes (sector granularity).
Important note
This datasheet details the functionality of the M25PE80 devices, based on the previous T7Y
process or based on the current T9HX process (available since June 2007). Delivery of
parts operating with a maximum clock rate of 75 MHz starts from week 8 of 2008.
What are the changes?
The M25PE80 in T9HX process offers the following additional features:
the whole memory array is partitioned into 4-Kbyte subsectors
two new instructions: write status register (WRSR) and 4-Kbyte subsector erase (SSE)
Status register: 4 bits can be written (BP0, BP1, BP2, SRWD)
WP input (pin 3): write protection limits are extended, depending on the value of the
BP0, BP1, BP2, SRWD bits. The WP write protection remains the same if bits (BP2,
BP1, BP0) are set to (0, 0, 1)
smaller die size allowing assembly into an SO8N package.
Suppressed feature:
The write protection (defined by the WL and LD lock bits) of the 4-Kbyte subsectors in
the top and bottom sectors is no longer offered.
For more details please refer to PCNMPG062148.


Similar Part No. - M25PE80-VMW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80-VMW6TP STMICROELECTRONICS-M25PE80-VMW6TP Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
More results

Similar Description - M25PE80-VMW6TP

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com