Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3460-0100S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 3460-0100S
Description  designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3460-0100S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  3460-0100S Datasheet HTML 1Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 2Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 3Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 4Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 5Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 6Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 7Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 8Page - List of Unclassifed Manufacturers 3460-0100S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
JNPS-0846
10
9. STORAGE
This products shall be stored in a room, ambient temperature 5
∼ 35°C, and ambient humidity
40
∼ 70%.
10. ATTENTIONS
10-1
BOARD MOUNTING
In the case that (X)3406-0000 XX (14 pos.) or (X)3416-0000 XX (16 pos.) is mounted on the PC board
by soldering, more than 0.4mm thickness spacers (ex. plastic washer with high temperature resistance)
should be used for spacing between the connector body and PC board.
10-2
COMPATIBILITY WITH IC SOCKET
IC socket should be used for (X)3XXX-0000 SC and (X)3XXX-0000 S.
IC socket can not be used for (X)3XXX-0000 PR.


Similar Part No. - 3460-0100S

ManufacturerPart #DatasheetDescription
logo
Heyco.
3460 HEYCO-3460 Datasheet
264Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
SCHOTT CORPORATION
34600 SCHOTT-34600 Datasheet
15Kb / 1P
   LM259X Inductor 150 關Hy 1.20 ADC
logo
List of Unclassifed Man...
3460000000 ETC2-3460000000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Adels-Contact
346002 ADELS-346002 Datasheet
119Kb / 1P
   GSK 852/ 2
346003 ADELS-346003 Datasheet
120Kb / 1P
   GSK 852/ 3
More results

Similar Description - 3460-0100S

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1010215 PHOENIX-1010215 Datasheet
572Kb / 10P
   Assembled IDC female connector, Displacement connection
1010247 PHOENIX-1010247 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010255 PHOENIX-1010255 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010239 PHOENIX-1010239 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010220 PHOENIX-1010220 Datasheet
575Kb / 10P
   Assembled IDC female connector, Displacement connection
1010259 PHOENIX-1010259 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010238 PHOENIX-1010238 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010237 PHOENIX-1010237 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010244 PHOENIX-1010244 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010242 PHOENIX-1010242 Datasheet
599Kb / 10P
   Assembled IDC female connector, Displacement connection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com