Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLF73214 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHLF73214
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF73214 Datasheet(HTML) 3 Page - International Rectifier

  IRHLF73214 Datasheet HTML 1Page - International Rectifier IRHLF73214 Datasheet HTML 2Page - International Rectifier IRHLF73214 Datasheet HTML 3Page - International Rectifier IRHLF73214 Datasheet HTML 4Page - International Rectifier IRHLF73214 Datasheet HTML 5Page - International Rectifier IRHLF73214 Datasheet HTML 6Page - International Rectifier IRHLF73214 Datasheet HTML 7Page - International Rectifier IRHLF73214 Datasheet HTML 8Page - International Rectifier IRHLF73214 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
Pre-Irradiation
IRHLF77214, 2N7610T2
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capabil-
ity. The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-39 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Fig a. Typical Single Event Effect, Safe Operating Area
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
Up to 300K Rads(Si)1
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 250µA
VGS(th)
Gate Threshold Voltage
1.0
2.0
VGS = VDS, ID = 250µA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 10V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -10V
IDSS
Zero Gate Voltage Drain Current
1.0
µA
VDS= 200V, VGS= 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-39)
1.0
VGS = 4.5V, ID = 2.1A
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 3.3A
1. Part numbers IRHLF77214, IRHLF73214
0
50
100
150
200
250
300
-7
-6
-5
-4
-3
-2
-1
0
VGS
Kr
Xe
Au
Table 2. Typical Single Event Effect Safe Operating Area
Ion
LET
Energy Range
VDS (V)
(MeV/(mg/cm
2))
(MeV)
(µm)
@VGS= @VGS= @VGS= @VGS= @VGS= @VGS= @VGS= @VGS=
0V
-1V
-2V
-3V
-4V
-5V
-6V
-7V
Kr
36.1
463
56
250
250
250
250
250
250
250
250
Xe
57.8
924
73.2
250
250
250
-
----
Au
88.2
1755
93.7
250
250
-
-
----


Similar Part No. - IRHLF73214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF730Z4 IRF-IRHLF730Z4 Datasheet
150Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLF73110 IRF-IRHLF73110 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
More results

Similar Description - IRHLF73214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLG770Z4 IRF-IRHLG770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG77110 IRF-IRHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET LOGIC LEVEL POWER MOSFET
IRHLF670Z4 IRF-IRHLF670Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF87Y20 IRF-IRHLF87Y20 Datasheet
212Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com