Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP3077PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP3077PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP3077PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFP3077PBF Datasheet HTML 1Page - International Rectifier IRFP3077PBF Datasheet HTML 2Page - International Rectifier IRFP3077PBF Datasheet HTML 3Page - International Rectifier IRFP3077PBF Datasheet HTML 4Page - International Rectifier IRFP3077PBF Datasheet HTML 5Page - International Rectifier IRFP3077PBF Datasheet HTML 6Page - International Rectifier IRFP3077PBF Datasheet HTML 7Page - International Rectifier IRFP3077PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP3077PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 120A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.028mH
RG = 25Ω, IAS = 120A, VGS =10V. Part not recommended for use
above this value .
„ ISD ≤ 75A, di/dt ≤ 400A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
S
D
G
… Pulse width ≤ 400μs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.091 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.8
3.3
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Gate Input Resistance
–––
1.2
–––
Ω
f = 1MHz, open drain
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
160
–––
–––
S
Qg
Total Gate Charge
–––
160
220
nC
Qgs
Gate-to-Source Charge
–––
37
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
42
–––
td(on)
Turn-On Delay Time
–––
25
–––
ns
tr
Rise Time
–––87–––
td(off)
Turn-Off Delay Time
–––
69
–––
tf
Fall Time
–––
95
–––
Ciss
Input Capacitance
–––
9400
–––
pF
Coss
Output Capacitance
–––
820
–––
Crss
Reverse Transfer Capacitance
–––
350
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)i –––1090–––
Coss eff. (TR) Effective Output Capacitance (Time Related)h
–––1260–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 200™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
850
(Body Diode)
Ãdi
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
42
63
ns
TJ = 25°C
VR = 64V,
–––
50
75
TJ = 125°C
IF = 75A
Qrr
Reverse Recovery Charge
–––
59
89
nC TJ = 25°C
di/dt = 100A/μs
g
–––86130
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.5
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 50V, ID = 75A
ID = 75A
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
VDS = 38V
Conditions
VGS = 10V
g
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 60V
j, See Fig.11
VGS = 0V, VDS = 0V to 60V h, See Fig. 5
TJ = 25°C, IS = 75A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA
d
VGS = 10V, ID = 75A g
VDS = VGS, ID = 250μA
VDS = 75V, VGS = 0V
VDS = 75V, VGS = 0V, TJ = 125°C
ID = 75A
RG = 2.1Ω
VGS = 10V g
VDD = 38V


Similar Part No. - IRFP3077PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP3077PBF IRF-IRFP3077PBF Datasheet
304Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3077PBF IRF-IRFP3077PBF_15 Datasheet
304Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFP3077PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com