Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC184 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LBC184
Description  DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC184 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC184_07 Datasheet HTML 1Page - Texas Instruments SN65LBC184_07 Datasheet HTML 2Page - Texas Instruments SN65LBC184_07 Datasheet HTML 3Page - Texas Instruments SN65LBC184_07 Datasheet HTML 4Page - Texas Instruments SN65LBC184_07 Datasheet HTML 5Page - Texas Instruments SN65LBC184_07 Datasheet HTML 6Page - Texas Instruments SN65LBC184_07 Datasheet HTML 7Page - Texas Instruments SN65LBC184_07 Datasheet HTML 8Page - Texas Instruments SN65LBC184_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN65LBC184, SN75LBC184
DIFFERENTIAL TRANSCEIVER
WITH TRANSIENT VOLTAGE SUPPRESSION
SLLS236G − OCTOBER 1996 − REVISED MARCH 2007
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
A biexponential function defined by separate rise and fall times for voltage and current simulates the
combination wave. The standard 1.2
µs/50 µs combination waveform is shown in Figure 1 and in the test
description in Figure 15.
The device also includes additional desirable features for party-line data buses in electrically noisy environment
applications including industrial process control. The differential-driver design incorporates slew-rate-controlled
outputs sufficient to transmit data up to 250 kbps. Slew-rate control allows longer unterminated cable runs and
longer stub lengths from the main backbone than possible with uncontrolled and faster voltage transitions. A
unique receiver design provides a fail-safe output of a high level when the inputs are left floating (open circuit).
The SN75LBC184 and SN65LBC184 receiver also includes a high input resistance equivalent to one-fourth unit
load allowing connection of up to 128 similar devices on the bus.
The SN75LBC184 is characterized for operation from 0
°C to 70°C. The SN65LBC184 is characterized from
−40
°C to 85°C.
schematic of inputs and outputs
A Port
Only
12
µA
Nominal
A or B
I/O
B Port
Only
12
µA
Nominal
72 k
16 k
16 k
VCC


Similar Part No. - SN65LBC184_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184D TI-SN65LBC184D Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184D TI1-SN65LBC184D Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
SN65LBC184DG4 TI-SN65LBC184DG4 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DG4 TI1-SN65LBC184DG4 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
SN65LBC184DR TI-SN65LBC184DR Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
More results

Similar Description - SN65LBC184_07

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184 TI1-SN65LBC184_17 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com