Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4014 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ4014
Description  256Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4014 Datasheet(HTML) 2 Page - Texas Instruments

  BQ4014 Datasheet HTML 1Page - Texas Instruments BQ4014 Datasheet HTML 2Page - Texas Instruments BQ4014 Datasheet HTML 3Page - Texas Instruments BQ4014 Datasheet HTML 4Page - Texas Instruments BQ4014 Datasheet HTML 5Page - Texas Instruments BQ4014 Datasheet HTML 6Page - Texas Instruments BQ4014 Datasheet HTML 7Page - Texas Instruments BQ4014 Datasheet HTML 8Page - Texas Instruments BQ4014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Functional Description
When power is valid, the bq4014 operates as a standard
CMOS SRAM. During power-down and power-up cycles,
the bq4014 acts as a nonvolatile memory, automatically
protecting and preserving the memory contents.
Power-down/power-up control circuitry constantly
monitors the VCC supply for a power-fail-detect threshold
VPFD. The bq4014 monitors for VPFD = 4.62V typical for
use in systems with 5% supply tolerance. The bq4014Y
monitors for VPFD = 4.37V typical for use in systems with
10% supply tolerance.
When VCC falls below the VPFD threshold, the SRAM
automatically write-protects the data.
All outputs
become high impedance, and all inputs are treated as
“don’t care.” If a valid access is in process at the time of
power-fail detection, the memory cycle continues to com-
pletion.
If the memory cycle fails to terminate within
time tWPT, write-protection takes place.
As VCC falls past VPFD and approaches 3V, the control
circuitry switches to the internal lithium backup supply,
which provides data retention until valid VCC is applied.
When VCC returns to a level above the internal backup
cell voltage, the supply is switched back to VCC. After
VCC ramps above the VPFD threshold, write-protection
continues for a time tCER (120ms maximum) to allow for
processor stabilization. Normal memory operation may
resume after this time.
The internal coin cells used by the bq4014 have an
extremely long shelf life and provide data retention for
more than 10 years in the absence of system power.
As shipped from Benchmarq, the integral lithium cells
are electrically isolated from the memory. (Self-discharge
in this condition is approximately 0.5% per year.)
Following the first application of VCC, this isolation is
broken, and the lithium backup provides data retention
on subsequent power-downs.
bq4014/bq4014Y
Truth Table
Mode
CE
WE
OE
I/O Operation
Power
Not selected
H
X
X
High Z
Standby
Output disable
L
H
H
High Z
Active
Read
L
H
L
DOUT
Active
Write
L
L
X
DIN
Active
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VCC
DC voltage applied on VCC relative to VSS
-0.3 to 7.0
V
VT
DC voltage applied on any pin excluding VCC
relative to VSS
-0.3 to 7.0
V
VT
≤ VCC + 0.3
TOPR
Operating temperature
0 to +70
°C
TSTG
Storage temperature
-40 to +70
°C
TBIAS
Temperature under bias
-10 to +70
°C
TSOLDER
Soldering temperature
+260
°C
For 10 seconds
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to
conditions beyond the operational limits for extended periods of time may affect device reliability.
Sept. 1992
2


Similar Part No. - BQ4014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014MB-120 TI-BQ4014MB-120 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014MB-85 TI-BQ4014MB-85 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014YMB-120 TI-BQ4014YMB-120 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014YMB-85 TI-BQ4014YMB-85 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
White Electronic Design...
EDI88257C WEDC-EDI88257C Datasheet
285Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
List of Unclassifed Man...
WSF256K8-XCX ETC1-WSF256K8-XCX Datasheet
32Kb / 2P
   256Kx8 SRAM/ FLASH MODULE
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com