Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1491ECNTR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP1491ECNTR
Description  Full Duplex RS-485 Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1491ECNTR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP1491ECNTR Datasheet HTML 2Page - Sipex Corporation SP1491ECNTR Datasheet HTML 3Page - Sipex Corporation SP1491ECNTR Datasheet HTML 4Page - Sipex Corporation SP1491ECNTR Datasheet HTML 5Page - Sipex Corporation SP1491ECNTR Datasheet HTML 6Page - Sipex Corporation SP1491ECNTR Datasheet HTML 7Page - Sipex Corporation SP1491ECNTR Datasheet HTML 8Page - Sipex Corporation SP1491ECNTR Datasheet HTML 9Page - Sipex Corporation SP1491ECNTR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Date: 5/11/05
SP1490E/1491E Full Duplex RS-485 Transceivers
© Copyright 2004 Sipex Corporation
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Part Number
TopMark
Temperature Range
Package
SP1490ECN. ................................................. 1490ECNYYWW...................................0˚C to +70˚C ................................................ 8-Pin NSOIC
SP1490ECN/TR. ........................................... 1490ECNYYWW...................................0˚C to +70˚C ................................................ 8-Pin NSOIC
SP1490EEN. ............................................... SP1490EENYYWW...............................-40˚C to +85˚C .............................................. 8-Pin NSOIC
SP1490EEN/TR. .......................................... SP1490EENYYWW...............................-40˚C to +85˚C .............................................. 8-Pin NSOIC
SP1490ECP. ................................................. SP1490ECPYYWW...............................0˚C to +70˚C ................................................ 8-Pin PDIP
SP1490EEP. ................................................ SP1490EEPYYWW...............................-40˚C to +85˚C ............................................... 8-Pin PDIP
SP1491ECN. ................................................. SP1491ECNYYWW...............................0˚C to +70˚C .............................................. 14-Pin NSOIC
SP1491ECN/TR. ........................................... SP1491ECNYYWW...............................0˚C to +70˚C .............................................. 14-Pin NSOIC
SP1491EEN. ............................................... SP1491EENYYWW...............................-40˚C to +85˚C ............................................. 14-Pin NSOIC
SP1491EEN/TR. .......................................... SP1491EENYYWW...............................-40˚C to +85˚C ............................................. 14-Pin NSOIC
SP1491ECP. ................................................. SP1491ECPYYWW...............................0˚C to +70˚C ............................................... 14-Pin PDIP
SP1491EEP. ................................................ SP1491EEPYYWW...............................-40˚C to +85˚C .............................................. 14-Pin PDIP
ORDERING INFORMATION
DATE
REVISION
DESCRIPTION
02/09/04
A
Production Release.
04/14/04
B
Included 8 Pin NSOIC package spec
05/18/04
C
Added Topmark information. Removed PDIP package option.
05/11/05
D
Removed Preliminary status from front page.
REVISION HISTORY
/TR = Tape and Reel
Pack quantity is 2500 for Narrow SOIC.


Similar Part No. - SP1491ECNTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1491ECN SIPEX-SP1491ECN Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP1491ECN-L EXAR-SP1491ECN-L Datasheet
575Kb / 8P
   Full Duplex RS-485 Transceivers12345678VCC
SP1491ECN-L/TR EXAR-SP1491ECN-L/TR Datasheet
575Kb / 8P
   Full Duplex RS-485 Transceivers12345678VCC
logo
Sipex Corporation
SP1491ECN/TR SIPEX-SP1491ECN/TR Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
More results

Similar Description - SP1491ECNTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com