Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1203TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IP1203TRPBF
Description  Single Output Full Function Synchronous Buck Power Block
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203TRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1203TRPBF Datasheet HTML 2Page - International Rectifier IP1203TRPBF Datasheet HTML 3Page - International Rectifier IP1203TRPBF Datasheet HTML 4Page - International Rectifier IP1203TRPBF Datasheet HTML 5Page - International Rectifier IP1203TRPBF Datasheet HTML 6Page - International Rectifier IP1203TRPBF Datasheet HTML 7Page - International Rectifier IP1203TRPBF Datasheet HTML 8Page - International Rectifier IP1203TRPBF Datasheet HTML 9Page - International Rectifier IP1203TRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.irf.com
6
iP1203PbF
Fig. 6: Normalized Power Loss vs. Frequency
Fig. 4: Normalized Power Loss vs. V
IN
Fig. 5: Normalized Power Loss vs. V
OUT
Typical Performance Curves
Fig. 7: Normalized Power Loss vs. Inductance
0.4
0.8
1.2
1.6
2.0
2.4
Output Inductance (µH)
0.96
1.00
1.04
1.08
1.12
1.16
1.20
1.24
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN = 12V
VOUT = 1.5V
IOUT = 15A
fsw = 300kHz
TBLK = 125°C
Fig. 8: Nominal Overcurrent Threshold Setting
External Resistor Selection
Fig. 9: Switching Frequency vs R
T
200
250
300
350
400
Swiching Frequency (kHz)
0.960
1.000
1.040
1.080
1.120
-0.5
0.0
0.5
1.0
1.5
VIN = 12V
VOUT = 1.5V
IOUT = 15A
L = 1.0µH
TBLK = 125°C
6
8
10
12
14
16
18
20
22
24
Overload Current (A)
5
25
45
65
85
105
125
145
165
185
205
5
10
15
20
25
30
35
40
45
50
55
VOUT = 1.5V
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C
Vin = 12V
Vin = 5.5V
20
25
30
35
40
45
50
RT (kOhms)
200
220
240
260
280
300
320
340
360
380
400
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
Output Voltage (V)
0.92
0.96
1.00
1.04
1.08
1.12
1.16
1.20
1.24
1.28
1.32
1.36
-2
-1
0
1
2
3
4
5
6
7
8
9
10
VIN = 12V
IOUT = 15A
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C
5
6
7
8
9
10
11
12
13
14
Input Voltage (V)
0.96
0.98
1.00
1.02
1.04
1.06
-1.0
-0.5
0.0
0.5
1.0
1.5
VOUT = 1.5V
IOUT = 15A
fsw = 300kHz
L
= 1.0µH
TBLK = 125°C


Similar Part No. - IP1203TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
   Single Output Full Function Synchronous Buck Power Block
logo
XP Power Limited
IP1203SA XPPOWER-IP1203SA Datasheet
252Kb / 1P
   Regulated Single & Dual Output
More results

Similar Description - IP1203TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
   Single Output Full Function Synchronous Buck Power Block
IP1001 IRF-IP1001 Datasheet
507Kb / 18P
   Full Function Synchronous Buck Power Block
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
   Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
   Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
   Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
   Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
   Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com