Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29LV160F Datasheet(PDF) 4 Page - Excel Semiconductor Inc.

Part # ES29LV160F
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV160F Datasheet(HTML) 4 Page - Excel Semiconductor Inc.

  ES29LV160F Datasheet HTML 1Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV160F Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
ES29LV160F
Excel Semiconductor Inc.
Rev.0A (Dec 12, 2007)
4
General Description
The ES29LV160F is a 16Mbit, 3.0 Volt-only Flash memory organized as 2,097,152 bytes or
1,048,576 words. The device is offered in 48-ball FBGA, and 48-pin TSOP packages. The word-
wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This
device is designed to be programmed in system with the standard system 3.0 volt VCC supply. A
12.0 V VPP or 5.0 VCC are not required for write or erase operations. The device can also be
programmed in standard EPROM programmers.
The device offers access times of 55 ns and 70 ns allowing high speed microprocessors to operate
without wait states. To eliminate bus contention the device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
The device requires only a single 3.0 volt power supply for both read and write functions.
Internally generated and regulated voltages are provided for the program and erase operations.
The ES29LV160F is entirely command set compatible with the JEDEC single-power-supply
Flash standard
. Commands are written to the command register using standard microprocessor
write timings. Register contents serve as input to an internal state-machine that controls the erase
and programming circuitry. Write cycles also internally latch addresses and data needed for the
programming and erase operations. Reading data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program command sequence. This initiates the
Embedded Program
algorithm—an internal algorithm that automatically times the program pulse
widths and verifies proper cell margin. The Unlock Bypass mode facilitates faster programming
times by requiring only two write cycles to program data instead of four.
Device erasure occurs by executing the erase command sequence. This initiates the Embedded
Erase
algorithm—an internal algorithm that automatically preprograms the array (if it is not already
programmed) before executing the erase operation. During erase, the device automatically times
the erase pulse widths and verifies proper cell margin.
The host system can detect whether a program or erase operation is complete by observing the
RY/BY# pin, or by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready to read array data or accept another
command.
The sector erase architecture allows memory sectors to be erased and reprogrammed without
affecting the data contents of other sectors. The device is fully erased when shipped from the
factory.
Hardware data protection
measures include a low VCC detector that automatically inhibits write
operations during power transitions. The hardware sector protection feature disables both
program and erase operations in any combination of the sectors of memory. This can be achieved
in-system or via programming equipment.
The Erase Suspend/Erase Resume feature enables the user to put erase on hold for any period
of time to read data from, or program data to, any sector that is not selected for erasure. True
background erase can thus be achieved.


Similar Part No. - ES29LV160F

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV160F-12RTG EXCELSEMI-ES29LV160F-12RTG Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160F-70RTG EXCELSEMI-ES29LV160F-70RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160F-70WCI EXCELSEMI-ES29LV160F-70WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160FB-12RTG EXCELSEMI-ES29LV160FB-12RTG Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160FB-12RTG EXCELSEMI-ES29LV160FB-12RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV160F

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160DT-70EI AMD-AM29LV160DT-70EI Datasheet
1Mb / 50P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV160DB-70EC SPANSION-AM29LV160DB-70EC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com