Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF06-1502M12 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EMIF06-1502M12
Description  6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1502M12 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EMIF06-1502M12 Datasheet HTML 2Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 3Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 4Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 5Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 6Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 7Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 8Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 9Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Recommendation on PCB assembly
EMIF06-1502M12
8/10
4.5
Reflow profile
Figure 14.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max


Similar Part No. - EMIF06-1502M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12 Datasheet
210Kb / 9P
   6 line low capacitance EMI filter and ESD protection in Micro QFN package
More results

Similar Description - EMIF06-1502M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
   6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1005N12 STMICROELECTRONICS-EMIF06-1005N12 Datasheet
486Kb / 12P
   6-line IPAD?? low capacitance EMI filter and ESD protection in Narrow Micro QFN package
EMIF08-1502M16 STMICROELECTRONICS-EMIF08-1502M16 Datasheet
196Kb / 10P
   8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF04-1005M8 STMICROELECTRONICS-EMIF04-1005M8 Datasheet
181Kb / 10P
   4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package
EMIF04-1502M8 STMICROELECTRONICS-EMIF04-1502M8 Datasheet
198Kb / 10P
   4-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF08-1005M16 STMICROELECTRONICS-EMIF08-1005M16 Datasheet
276Kb / 10P
   8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12 Datasheet
210Kb / 9P
   6 line low capacitance EMI filter and ESD protection in Micro QFN package
EMIF02-1003M6 STMICROELECTRONICS-EMIF02-1003M6 Datasheet
199Kb / 10P
   2 line IPAD?? EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
   1 line IPAD?? EMI filter and ESD protection in Micro QFN package
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3 Datasheet
131Kb / 10P
   1 line IPAD, EMI filter and ESD protection in Micro QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com