Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3508E+TR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3508E+TR
Description  I2C, 8-Channel Gamma Buffer with EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3508E+TR Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3508E+TR Datasheet HTML 1Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 2Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 3Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 4Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 5Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 6Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 7Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 8Page - Maxim Integrated Products DS3508E+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
I2C, 8-Channel Gamma Buffer with EEPROM
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -45°C to +95°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VDD and
VHH Relative to GND ..........................................-0.5V to +16V
Voltage Range on VHM, VLM, and
VLL Relative to GND............................................-0.5V to +12V
Voltage Range on VCC, SDA, SCL, and
A0 Relative to GND ............................................-0.5V to +6.0V
Junction Temperature ......................................................+125
°C
Operating Temperature Range ...........................-45
°C to +95°C
Programming Temperature Range .........................0
°C to +70°C
Storage Temperature ..........................................55°C to +125°C
Soldering Temperature ..............................................Refer to the
IPC/JEDEC J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Supply Voltage
VDD
(Note 1)
+9.0
+15.5
V
VHH, VHM
Applies to GM1–GM4
VDD/2 - 1
VDD - 0.2
V
VLM, VLL
Applies to GM5–GM8
0.2
VDD/2 + 1
V
VHH–VHM and VLM–VLL
VREF
3.0
V
Digital Voltage Supply
VCC
(Note 1)
2.7
5.5
V
Input Logic 0 (A0, SDA, SCL)
VIL
0.3 x VCC
V
Input Logic 1 (A0, SDA, SCL)
VIH
0.7 x VCC
V
INPUT ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -45°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Supply Current
IDD
VDD = 15.5V (Note 2)
2
4
mA
Digital Supply Current, NV Read
or Write
ICC
fSCL = 400kHz
0.2
1.0
mA
Digital Supply Standby Current
ISTBY
VCC = 5.5V (Note 3)
2
10
µA
Input Leakage
(SDA, SCL, A0)
IIL
VCC = 5.5V
-1
+1
µA
Input Resistance at VHH, VHM,
VLM, VLL
RIN
1
M


Similar Part No. - DS3508E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3501 MAXIM-DS3501 Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3501U MAXIM-DS3501U Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3501UR MAXIM-DS3501UR Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3501UT MAXIM-DS3501UT Datasheet
230Kb / 14P
   High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
More results

Similar Description - DS3508E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Intersil Corporation
ISL76534 INTERSIL-ISL76534 Datasheet
741Kb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
July 27, 2016
logo
Renesas Technology Corp
ISL76534 RENESAS-ISL76534 Datasheet
1Mb / 24P
   Ultra-Low Power 14-Channel Programmable Gamma Buffer with Integrated EEPROM
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com