Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4211LD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4211LD
Description  155 Mbps to 4.25 Gbps LASER DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4211LD Datasheet(HTML) 3 Page - Texas Instruments

  ONET4211LD Datasheet HTML 1Page - Texas Instruments ONET4211LD Datasheet HTML 2Page - Texas Instruments ONET4211LD Datasheet HTML 3Page - Texas Instruments ONET4211LD Datasheet HTML 4Page - Texas Instruments ONET4211LD Datasheet HTML 5Page - Texas Instruments ONET4211LD Datasheet HTML 6Page - Texas Instruments ONET4211LD Datasheet HTML 7Page - Texas Instruments ONET4211LD Datasheet HTML 8Page - Texas Instruments ONET4211LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
HIGH-SPEED DATA PATH
BIAS AND CONTROL
BANDGAP VOLTAGE AND BIAS GENERATION
AUTOMATIC POWER CONTROL
I
PD [A] + PAVG [W]
òMON[A W]
(1)
R
APCSET
[W]
+
4.69 V
I
PD
[A]
+
4.69 V
P
AVG
[W]
ò
MON
[A W]
(2)
I
BIASMAX
[A] +
343 V
R
BIASMAX
[W]
(3)
V
MONB
[V] +
R
MONB
[W]
I
BIAS
[A]
68
(4)
ONET4211LD
SLLS688 – NOVEMBER 2005
DETAILED DESCRIPTION (continued)
The high-speed data path consists of an input buffer stage and a current modulator.
The input buffer stage takes CML-compatible differential signals. It provides on-chip, 50-
Ω termination to VCC.
AC-coupling may be used at the DIN+ and DIN- inputs.
The laser diode current modulator consists mainly of two common-emitter output transistors and the required
driver circuitry. According to the input data stream, the modulation current is sunk at the MOD+ or the MOD– pin.
Modulation current setting is performed by means of the modulation current generator block, which is supervised
by the control circuit block.
The laser diode can be either ac- or dc-coupled. In either case, the maximum modulation current is 85 mA. The
modulation output is optimized for driving a 20-
Ω load.
For optimum power efficiency, the laser driver does not provide any on-chip back-termination.
The bias-and-control circuitry consists of the bandgap voltage and bias generation block, the bias current
generator, the automatic power control block, and the supervising control circuitry.
The bandgap voltage reference provides the process- and temperature-independent reference voltages needed
to set bias current, modulation current, and photodiode reference current. Additionally, this block provides the
biasing for all internal circuits.
The ONET4211LD laser driver incorporates an APC loop to compensate for the changes in laser threshold
current over temperature and lifetime. The internal APC is enabled when resistors are connected to the IBMAX
and APCSET pins. A back-facet photodiode mounted in the laser package is used to detect the average laser
output power. The photodiode current IPD that is proportional to the average laser power can be calculated by
using the laser-to-monitor transfer ratio,
ρ
MON and the average power, PAVG:
In closed-loop operation, the APC modifies the laser diode bias current by comparing IPD with a reference current
IAPCSET and generates a bias compensation current. IPD can be programmed by selecting the external resistor
RAPCSET according to:
The bias compensation current subtracts from the maximum bias current to maintain the monitor photodiode
current. The maximum bias current is programmed by the resistor connected to IBMAX:
An external pin, MONB, is provided as a bias current monitor output. A fraction of the bias current (1/68) is
mirrored and develops a voltage drop across an external resistor to ground, RMONB. The voltage at MONB is
given as:
If the voltage at MONB is greater than the programmed threshold, a fault mode occurs.
MONP is also provided as a photocurrent monitor output. The photodiode current, IPD, is mirrored and develops a
voltage across an external resistor to ground, RMONP. The voltage at MONP is given as:
3


Similar Part No. - ONET4211LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4211LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com