Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2035H-6G Datasheet(PDF) 6 Page - STMicroelectronics

Part # T2035H-6G
Description  High temperature 20 A Snubberless??TRIACs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035H-6G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T2035H-6G Datasheet HTML 2Page - STMicroelectronics T2035H-6G Datasheet HTML 3Page - STMicroelectronics T2035H-6G Datasheet HTML 4Page - STMicroelectronics T2035H-6G Datasheet HTML 5Page - STMicroelectronics T2035H-6G Datasheet HTML 6Page - STMicroelectronics T2035H-6G Datasheet HTML 7Page - STMicroelectronics T2035H-6G Datasheet HTML 8Page - STMicroelectronics T2035H-6G Datasheet HTML 9Page - STMicroelectronics T2035H-6G Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information
T2035H, T2050H
6/10
2
Ordering information
Figure 14.
Ordering information
T 20 xx H - 6 Y - TR
Triac series
Current
Sensitivity
Package
20 = 20 A
35 = 35 mA
50 = 50 mA
High temperature
Voltage
Delivery mode
6 = 600 V
T = TO-220AB
I = TO-220AB ins
G = D2PAK
Blank = tube (TO-220AB, TO-220AB ins, D2PAK)
-TR = Tape and reel (D2PAK)


Similar Part No. - T2035H-6G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T2035H-6G ISC-T2035H-6G Datasheet
229Kb / 2P
   isc Triacs
More results

Similar Description - T2035H-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
   Snubberless??high temperature 20 A Triacs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com