Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88903VKG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88903VKG
Description  5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88903VKG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88903VKG Datasheet HTML 1Page - Micrel Semiconductor SY88903VKG Datasheet HTML 2Page - Micrel Semiconductor SY88903VKG Datasheet HTML 3Page - Micrel Semiconductor SY88903VKG Datasheet HTML 4Page - Micrel Semiconductor SY88903VKG Datasheet HTML 5Page - Micrel Semiconductor SY88903VKG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY88903V
Micrel, Inc.
M9999-111307
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) ....................................... 0V to +7.0V
Input Voltage (D
IN, /DIN, /EN, LOSLVL) ............... 0V to VCC
Output Voltage
(D
OUT, /DOUT) with 50Ω Load ... VCC –2.5V to VCC +0.3V
(VREF) ............................................ V
CC –2.0V to VCC
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Maximum Operating Junction Temperature (T
J) ..... +125°C
Storage Temperature (T
S) ....................... –55°C to +125°C
Operating Ratings(2)
Supply Voltage (V
IN) ................................. +2.97V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MSOP (θJA) Still-air ........................................... 113°C/W
VCC = +5V ±10% or +3.3V ±10%; RLOAD = 50Ω to VCC –2V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
30
42
mA
IIL
/EN Input LOW Current
VIN = 0.5V
–0.3
mA
IIH
/EN Input HIGH Current
VIN = 2.7V
20
µA
VIN = VCC
100
VCMR
Common Mode Range
GND +2.0
VCC
V
VOFFSET
Differential Output Offset
±160
mV
LOSLVL
LOSLVL Level
VREF
VCC
V
VOL
LOS Output Low Level
IOL = +2mA
0.5
V
IOH
LOS Output Leakage
VOH = 5.5V
250
µA
VOH
DOUT and /DOUT
VCC –1085 VCC –955 VCC –880
mV
HIGH Output
VOL
DOUT and /DOUT
VCC –1830 VCC –1705 VCC –1620
mV
LOW Output
VREF
Reference Supply
VCC –1.38 VCC –1.32 VCC –1.26
V
IREF
VREF Output Current
–0.8
0.5
mA
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY88903VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903VKG MICREL-SY88903VKG Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKG MICREL-SY88903VKG Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKGTR MICREL-SY88903VKGTR Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKGTR MICREL-SY88903VKGTR Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88903VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com