Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88903VKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88903VKCTR
Description  5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88903VKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88903VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY88903VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY88903VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY88903VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY88903VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY88903VKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY88903V
Micrel, Inc.
M9999-111307
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Type
Pin Function
1EN
TTL Input
Output Enable (Active Low).
2
DIN
Data Input
Data Input.
3
/DIN
Data Input
Inverting Data Input.
4
VREF
Output
Reference Voltage Output for LOS Level Set (see Figure 3).
5
LOSLVL
Input
LOS Limit Set.
6
GND
Ground
Ground
7
LOS
TTL Output
Loss-of-Signal Indicator (Active Low).
(Open Collector)
8
/DOUT
PECL Output
Inverting Data Output.
9
DOUT
PECL Output
Data Output.
10
VCC
Power Supply
Positive Power Supply.
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88903VKC
K10-1
Commercial
903V with
Sn-Pb
Pb-free bar-line indicator
SY88903VKCTR(2)
K10-1
Commercial
903V with
Sn-Pb
Pb-free bar-line indicator
SY88903VKG
K10-1
Industrial
903V with
NiPdAu
Pb-free bar-line indicator
Pb-Free
SY88903VKGTR(2)
K10-1
Industrial
903V with
NiPdAu
Pb-free bar-line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Die is guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.
PIN DESCRIPTION
LOSLVL
GND
6
5
1
/EN
DIN
/DIN
VREF
10 VCC
DOUT
/DOUT
LOS
9
8
7
2
3
4
10-Pin MSOP (K10-1)


Similar Part No. - SY88903VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903VKCTR MICREL-SY88903VKCTR Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903VKCTR MICREL-SY88903VKCTR Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88903VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com