Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6326A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T6326A
Description  Low-Dropout, Constant-Current White LED with Channel Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T6326A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T6326A Datasheet HTML 1Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 2Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 3Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 4Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 5Page - List of Unclassifed Manufacturers T6326A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TE
CH
tm
Preliminary T6326A
TM Technology Inc. reserves the right
P.2
Publication Date: FEB. 2006
to change products or specifications without notice.
Revision: A
PIN ARRANGEMENT(Top view)
EN
CH S W
VD D
1
2
3
6
8
7
LE D 1
LE D 2
LE D 3
VS S
4
5
LE D 4
9
10
VS E T
VS S
MSOP-10L
PIN DESCRIPTION
SYMBOL
MSOP
-10L
DESCRIPTION
VSET
1
VSET terminal is used to connect an extermal resistor to set output current.
The current flowing into VSET sets the bias current into each LED by ILED_= 250 x ISET.
VSET is internally biased to 0.306V. VSET is high impedance when EN is low.
LED1
2
LED 1 Cathode Connection. Current flowing into LED1 is 250 times the current
flowing into SET. LED1 is high impedance when EN is low.
LED2
3
LED 2 Cathode Connection. Current flowing into LED1 is 250 times the current
flowing into SET. LED2 is high impedance when EN is low.
LED3
4
LED 3 Cathode Connection. Current flowing into LED1 is 250 times the current
flowing into SET. LED3 is high impedance when EN is low.
LED4
5
LED 4 Cathode Connection. Current flowing into LED1 is 250 times the current
flowing into SET. LED4 is high impedance when EN is low.
VSS
6,7
Ground
VDD
8
Power supply
EN
9
Enables T6326A signal, H: Ative, L : Power Down .
CHSW
10
Set LED1~4 Channels ON / OFF, the rising edge of CHSW will change next states.


Similar Part No. - T6326A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6322A TMT-T6322A Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-ADG TMT-T6322A-ADG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-AXG TMT-T6322A-AXG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6323A TMT-T6323A Datasheet
459Kb / 10P
   300mA Voltage Regulator
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
More results

Similar Description - T6326A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5920 GMT-G5920 Datasheet
681Kb / 9P
   Ultra Low-Dropout, Constant-Current White LED Bias
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
Texas Instruments
LM2793 TI1-LM2793 Datasheet
281Kb / 12P
[Old version datasheet]   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
National Semiconductor ...
LM2793 NSC-LM2793 Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
LP3361 POWER-LP3361 Datasheet
250Kb / 6P
   6-Channel Constant Current White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com