Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1602AR-B-N6NTSY-SP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PCM1602AR-B-N6NTSY-SP
Description  SPECIFICATIONS FOR LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602AR-B-N6NTSY-SP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PCM1602AR-B-N6NTSY-SP Datasheet HTML 3Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 4Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 5Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 6Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 9Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 10Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 7 OF 22
,$
+
Item
Symbol
Condition
Min
Typ
Max
Unit
(V)
CR 2
-20
35
deg
View Angle
(H)
CR 2
-30
30
deg
Contrast Ratio
CR
3
T rise
250
ms
Response Time
T fall
250
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100
Vop
Selected Wave
Non-selected Wave
[positive type]
Cr = Lon / Loff
Intensity
90
100
Tr
10
Tf
Non-selected
Conition
Non-selected
Conition
Selected Conition
[positive type]
Conditions :
Operating Voltage : Vop
Viewing Angle( ” ) : 0° ” 0°
Frame Frequency : 64 HZ
Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR 2)


Similar Part No. - PCM1602AR-B-N6NTSY-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APT TI1-PCM1602APT Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTG4 TI1-PCM1602APTG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTR TI1-PCM1602APTR Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTRG4 TI1-PCM1602APTRG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
More results

Similar Description - PCM1602AR-B-N6NTSY-SP

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com