Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1602AR-B-N6NTSY-SP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PCM1602AR-B-N6NTSY-SP
Description  SPECIFICATIONS FOR LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602AR-B-N6NTSY-SP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PCM1602AR-B-N6NTSY-SP Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 9Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 10Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 11Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 12Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 13Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 14Page - List of Unclassifed Manufacturers PCM1602AR-B-N6NTSY-SP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 11 OF 22
.
$
The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an
instruction register (IR) and a data register (DR).
The IR stores instruction codes, such as display clear and cursor shift, and address information
for display data RAM (DDRAM) and character generator (CGRAM). The IR can only be written
from the MPU. The DR temporarily stores data to be written or read from DDRAM or
CGRAM. When address information is written into the IR, then data is stored into the DR from
DDRAM or CGRAM. By the register selector (RS) signal, these two registers can be selected.
RS
R/W
Operation
0
0
IR write as an internal operation (display clear, etc.)
0
1
Read busy flag (DB7) and address counter (DB0 to DB7)
1
0
Write data to DDRAM or CGRAM (DR to DDRAM or CGRAM)
1
1
Read data from DDRAM or CGRAM (DDRAM or CGRAM to DR)
Busy Flag (BF)
When the busy flag is 1, the controller LSI is in the internal operation mode, and the next
instruction will not be accepted. When RS=0 and R/W=1, the busy flag is output to DB7. The
next instruction must be written after ensuring that the busy flag is 0.
Address Counter (AC)
The address counter (AC) assigns addresses to both DDRAM and CGRAM
Display Data RAM (DDRAM)
This DDRAM is used to store the display data represented in 8-bit character codes. Its extended
capacity is 80×8 bits or 80 characters. Below figure is the relationships between DDRAM
addresses and positions on the liquid crystal display.
AC
(hexadecimal)
High bits
Low bits
AC6 AC5 AC4 AC3 AC2 AC1 AC0
1
0
0
1
1
1
0
Example: DDRAM addresses 4E


Similar Part No. - PCM1602AR-B-N6NTSY-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APT TI1-PCM1602APT Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTG4 TI1-PCM1602APTG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTR TI1-PCM1602APTR Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1602APTRG4 TI1-PCM1602APTRG4 Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
More results

Similar Description - PCM1602AR-B-N6NTSY-SP

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com