Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIM5964-25UL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TIM5964-25UL
Description  MICROWAVE POWER GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM5964-25UL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TIM5964-25UL Datasheet HTML 1Page - Toshiba Semiconductor TIM5964-25UL Datasheet HTML 2Page - Toshiba Semiconductor TIM5964-25UL Datasheet HTML 3Page - Toshiba Semiconductor TIM5964-25UL Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIM5964-25UL
ABSOLUTE MAXIMUM RATINGS ( Ta= 25°C )
CHARACTERISTICS
SYMBOL
UNIT
RATING
Drain-Source Voltage
VDS
V
15
Gate-Source Voltage
VGS
V
-5
Drain Current
IDS
A
20.0
Total Power Dissipation (Tc= 25
°C)
PT
W
100
Channel Temperature
Tch
°C
175
Storage
Tstg
°C
-65 to +175
PACKAGE OUTLINE (2-16G1B)
Unit in mm
(1) Gate
(2) Source
(3) Drain
HANDLING PRECAUTIONS FOR PACKAGE MODEL
Soldering iron should be grounded and the operating time should not exceed 10 seconds
at 260
°C.
2


Similar Part No. - TIM5964-25UL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM5964-25UL TOSHIBA-TIM5964-25UL Datasheet
145Kb / 4P
   HIGH POWER P1dB=44.5dBm at 5.9GHz to 6.4GHz
TIM5964-25UL TOSHIBA-TIM5964-25UL_09 Datasheet
145Kb / 4P
   HIGH POWER P1dB=44.5dBm at 5.9GHz to 6.4GHz
More results

Similar Description - TIM5964-25UL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com