Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA8911 Datasheet(PDF) 10 Page - RAIO Technology Inc.

Part # RA8911
Description  8-Bit Micro-Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8911 Datasheet(HTML) 10 Page - RAIO Technology Inc.

Back Button RA8911 Datasheet HTML 2Page - RAIO Technology Inc. RA8911 Datasheet HTML 3Page - RAIO Technology Inc. RA8911 Datasheet HTML 4Page - RAIO Technology Inc. RA8911 Datasheet HTML 5Page - RAIO Technology Inc. RA8911 Datasheet HTML 6Page - RAIO Technology Inc. RA8911 Datasheet HTML 7Page - RAIO Technology Inc. RA8911 Datasheet HTML 8Page - RAIO Technology Inc. RA8911 Datasheet HTML 9Page - RAIO Technology Inc. RA8911 Datasheet HTML 10Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Version 1.5
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
10/10
RA8911
Application Field
Simple I/O
Controller
General Propose Controller
Speech Controller
Internet Download (Speech/Voice Toy, Sound Book, Voice-Prompted Controller...)
Low-Grade
Product
LCD Game, Calculator, Calendar, ...
Internet Download (educational toy or household appliance…)
High-Grade
Product
SMS Controller, Low-end PDA Controller and Internet Download Device Function
External
Flash
LCD
Panel
PWM O/P
A[13:0],BK[7:0]
D[7:0]
FL_CE#
FL_WE#
FL_OE#
Options
32768Hz
C1, C2
Display/LED
Button/Key Matrix
External
ROM/RAM
LCD
Controller
PT1_[7:0]
PT2_[7:0]
XCLKI
XCLKQ
LPF
TXD
RXD
To PC
RS232
VCC
SPK.
AIN1
AIN0
IOUT
RS232
PT2_[2:0]
PT3_[1:0]
PT2_[7:6]
PT3_[3:2]
RA8911
LCM
Analog input
PT3_[7:0]
LED
AIN2
AIN3
PT4_[7:0]


Similar Part No. - RA8911

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
More results

Similar Description - RA8911

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com