Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA8806 Datasheet(PDF) 10 Page - RAIO Technology Inc.

Part # RA8806
Description  Two Layers Character/Graphic LCD Controller Specification
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8806 Datasheet(HTML) 10 Page - RAIO Technology Inc.

Back Button RA8806 Datasheet HTML 6Page - RAIO Technology Inc. RA8806 Datasheet HTML 7Page - RAIO Technology Inc. RA8806 Datasheet HTML 8Page - RAIO Technology Inc. RA8806 Datasheet HTML 9Page - RAIO Technology Inc. RA8806 Datasheet HTML 10Page - RAIO Technology Inc. RA8806 Datasheet HTML 11Page - RAIO Technology Inc. RA8806 Datasheet HTML 12Page - RAIO Technology Inc. RA8806 Datasheet HTML 13Page - RAIO Technology Inc. RA8806 Datasheet HTML 14Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 174 page
background image
Preliminary Version 1.0
Two Layers Character/Graphic LCD Controller
RAiO TECHNOLOGY INC.
10/174
www.raio.com.tw
RA8806
5. Register Description
5-1 Register List Table
Table 5-1 : Cycle List Table
CYC_NAME
RS
ZWR
Description
CMD
1
0
Command write cycle, for writting register number(REG#)
STATUS
1
1
Status read cycle, using to check Interrupt or Sleep status.
DATW
0
0
Data write cycle, using to write register data or memory data.
DATR
0
1
Data read cycle, using to read register data or memory data.
Table 5-2 : Register Table
REG#
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
--
STATUS
MBUSY
SBUSY
SLEEP
WAKE_STS
KS_STS
TP_STS
--
00h
WLCR
PWR
LINEAR
SRST
--
TEXT_MD
ZDOFF
GBLK
GINV
00h
01h
MISC
NO_
FLICKER
CLKO_SEL
BUSY_
LEV
INT_LEV
XCK_SEL1 XCK_SEL0
SDIR
CDIR
04h
03h
ADSR
SCR_PEND
--
--
--
BIT_INV
SCR_DIR
SCR_HV
SCR_EN
00h
0Fh
INTR
--
WAKI_EN
KEYI_EN
TPI_EN
TP_ACT
WAK_STS
KEY_STS
TP_STS
00h
10h
WCCR
CUR_INC
FULL_OFS
BIT_REV
BOLD
T90DEG
CUR_EN
CUR_BLK
---
00h
11h
CHWI
CURH3
CURH2
CURH1
CURH0
ROWH3
ROWH 2
ROWH 1
ROWH 0
00h
12h
MAMR
CUR_HV
DISPMD2
DISPMD1
DISPMD0
L_MIX1
L_MIX 0
MW_MD1
MW_MD0
11h
20h
AWRR
--
--
AWR5
AWR4
AWR3
AWR2
AWR1
AWR0
27h
21h
DWWR
--
--
DWW5
DWW 4
DWW 3
DWW 2
DWW 1
DWW 0
27h
30h
AWBR
AWB7
AWB6
AWB5
AWB4
AWB3
AWB2
AWB1
AWB0
EFh
31h
DWHR
DWH7
DWH6
DWH5
DWH4
DWH3
DWH2
DWH1
DWH0
EFh
40h
AWLR
--
--
AWL5
AWL4
AWL3
AWL2
AWL1
AWL0
00h
50h
AWTR
AWT7
AWT6
AWT5
AWT4
AWT3
AWT2
AWT1
AWT0
00h
60h
CURX
--
--
CURX5
CURX4
CURX3
CURX2
CURX1
CURX0
00h
61h
BGSG
--
--
BGSG5
BGSG4
BGSG3
BGSG2
BGSG1
BGSG0
00h
62h
EDSG
EDSG7
EDSG6
EDSG5
EDSG4
EDSG3
EDSG2
EDSG1
EDSG0
00h
70h
CURY
CURY7
CURY6
CURY5
CURY4
CURY3
CURY2
CURY1
CURY0
00h
71h
BGCM
BGCM7
BGCM6
BGCM5
BGCM4
BGCM3
BGCM2
BGCM1
BGCM0
00h
72h
EDCM
EDCM7
EDCM6
EDCM5
EDCM4
EDCM3
EDCM2
EDCM1
EDCM0
00h
80h
BTMR
BLKT7
BLKT6
BLKT5
BLKT4
BLKT3
BLKT2
BLKT1
BLKT0
00h
90h
ITCR
ITC7
ITC6
ITC5
ITC4
ITC3
ITC2
ITC1
ITC0
00h
A0h
KSCR1
KEY_EN
KEY4X8
KSAMP1
KSAMP0
LKEY_EN
KF2
KF1
KF0
00h
A1h
KSCR2
KWAK_EN
--
--
--
LKEY_T1
LKEY_T0
KEYNO1
KEYNO0
00h
A2h
KSDR0
KSD07
KSD06
KSD05
KSD04
KSD03
KSD02
KSD01
KSD00
00h
A3h
KSDR1
KSD17
KSD16
KSD15
KSD14
KSD13
KSD12
KSD11
KSD10
00h
A4h
KSDR2
KSD27
KSD26
KSD25
KSD24
KSD23
KSD22
KSD21
KSD20
00h
B0h
MWCR
MWD7
MWD6
MWD5
MWD4
MWD3
MWD2
MWD1
MWD0
--
B1h
MRCR
MRD7
MRD6
MRD5
MRD4
MRD3
MRD2
MRD1
MRD0
--


Similar Part No. - RA8806

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8803 RAIO-RA8803 Datasheet
102Kb / 8P
   Two Layers Text/Graphic LCD Controller Specification
logo
Epson Company
RA8803SA EPSON-RA8803SA Datasheet
317Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RA8804CE EPSON-RA8804CE Datasheet
905Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) For Automotive Built-in 32.768 kHz-DTCXO
logo
RAIO Technology Inc.
RA8808 RAIO-RA8808 Datasheet
165Kb / 7P
   128x64 Driver for Dot Matrix LCD Specification
More results

Similar Description - RA8806

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8803 RAIO-RA8803 Datasheet
102Kb / 8P
   Two Layers Text/Graphic LCD Controller Specification
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
   Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8872 RAIO-RA8872 Datasheet
198Kb / 7P
   Character/Graphic TFT LCD Controller
RA8871L4N RAIO-RA8871L4N Datasheet
358Kb / 14P
   Character/Graphic TFT LCD Controller
RA8816N RAIO-RA8816N Datasheet
135Kb / 8P
   144x65 Character Graphic LCD Driver Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com