Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1578CDAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578CDAR
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1578CDAR Datasheet(HTML) 3 Page - Texas Instruments

  TLV1578CDAR Datasheet HTML 1Page - Texas Instruments TLV1578CDAR Datasheet HTML 2Page - Texas Instruments TLV1578CDAR Datasheet HTML 3Page - Texas Instruments TLV1578CDAR Datasheet HTML 4Page - Texas Instruments TLV1578CDAR Datasheet HTML 5Page - Texas Instruments TLV1578CDAR Datasheet HTML 6Page - Texas Instruments TLV1578CDAR Datasheet HTML 7Page - Texas Instruments TLV1578CDAR Datasheet HTML 8Page - Texas Instruments TLV1578CDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TLV1571
TLV1578
AGND
21
25
Analog ground
AIN
23
27
I
ADC analog input (used as single analog input channel for TLV1571)
AVDD
22
26
Analog supply voltage, 2.7 V to 5.5 V
CH0 – CH7
1– 4,
29–32
I
Analog input channels
CLK
4
8
I
External clock input
CS
1
5
I
Chip select. A logic low on CS enables the TLV1571/ TLV1578.
CSTART
18
22
I
Hardware sample and conversion start input. The falling edge of CSTART starts sampling and
the rising edge of CSTART starts conversion.
DGND
5
9
Digital ground
DVDD
6
10
Digital supply voltage, 2.7 V to 5.5 V
D0 – D7
8 –12,
13 –15
12 –16,
17–19
I/O
Bidirectional 3-state data bus
D8/A0
16
20
I/O
Bidirectional 3-state data bus. D8/A0 along with D9/A1 is used as address lines to access CR0
and CR1 for initialization.
D9/A1
17
21
I/O
Bidirectional 3-state data bus. D9/A1 along with D8/A0 is used as address lines to access CR0
and CR1 for initialization.
INT/EOC
7
11
O
End-of-conversion/interrupt
MO
28
O
On-chip MUX analog output
NC
24
Not connected
RD
3
7
I
Read data. A falling edge on RD enables a read operation on the data bus when CS is low.
REFM
20
24
I
Lower reference voltage (nominally ground). REFM must be supplied or REFM pin must be
grounded.
REFP
19
23
I
Upper reference voltage (nominally AVDD). The maximum input voltage range is determined by
the difference between the voltage applied to REFP and REFM.
WR
2
6
I
Write data. A rising edge on the WR latches in configuration data when CS is low. When using
software conversion start, a rising edge on WR also initiates an internal sampling start pulse.
When WR is tied to ground, the ADC in nonprogrammable (hardware configuration mode).


Similar Part No. - TLV1578CDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578CDAR TI1-TLV1578CDAR Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578CDARG4 TI1-TLV1578CDARG4 Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578CDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI1-TLV1571_14 Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com