Electronic Components Datasheet Search |
|
TLC272 Datasheet(PDF) 6 Page - Texas Instruments |
|
TLC272 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 36 page TLC272, TLC272A, TLC272B, TLC272Y, TLC277 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC272C, TLC272AC, TLC272BC, TLC277C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC272C VO = 1.4 V, VIC = 0, 25 °C 1.1 10 TLC272C VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 12 mV TLC272AC VO = 1.4 V, VIC = 0, 25 °C 0.9 5 mV V Input offset voltage TLC272AC VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 6.5 VIO Input offset voltage TLC272BC VO = 1.4 V, VIC = 0, 25 °C 290 2000 TLC272BC VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 3000 V TLC277C VO = 1.4 V, VIC = 0, 25 °C 250 800 µV TLC277C VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 1900 αVIO Temperature coefficient of input offset voltage 25 °C to 70 °C 2 µV/°C I Input offset current (see Note 4) 25 °C 0.1 60 pA IIO Input offset current (see Note 4) V5 V V5 V 70 °C 7 300 pA I Input bias current (see Note 4) VO = 5 V, VIC = 5 V 25 °C 0.7 60 pA IIB Input bias current (see Note 4) 70 °C 50 600 pA V Common-mode input voltage range 25 °C – 0.2 to 9 – 0.3 to 9.2 V VICR Common mode in ut voltage range (see Note 5) Full range – 0.2 to 8.5 V 25 °C 8 8.5 VOH High-level output voltage VID = 100 mV, RL = 10 kΩ 0 °C 7.8 8.5 V VOH High level out ut voltage VID 100 mV, RL 10 kΩ 70 °C 7.8 8.4 V 25 °C 0 50 VOL Low-level output voltage VID = –100 mV, IOL = 0 0 °C 0 50 mV VOL Low level out ut voltage VID 100 mV, IOL 0 70 °C 0 50 mV 25 °C 10 36 AVD Large-signal differential voltage amplification VO = 1 V to 6 V, RL = 10 kΩ 0 °C 7.5 42 V/mV AVD Large signal differential voltage am lification VO 1 V to 6 V, RL 10 kΩ 70 °C 7.5 32 V/mV 25 °C 65 85 CMRR Common-mode rejection ratio VIC = VICRmin 0 °C 60 88 dB CMRR Common mode rejection ratio VIC VICRmin 70 °C 60 88 dB S l lt j ti ti 25 °C 65 95 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 0 °C 60 94 dB kSVR ( ∆VDD/∆VIO) VDD 5 V to 10 V, VO 1.4 V 70 °C 60 96 dB V5 V V5 V 25 °C 1.9 4 IDD Supply current (two amplifiers) VO = 5 V, No load VIC = 5 V, 0 °C 2.3 4.4 mA DD y( ) No load 70 °C 1.6 3.4 † Full range is 0 °C to 70°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |
Similar Part No. - TLC272_02 |
|
Similar Description - TLC272_02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |