Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT646CTPG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT646CTPG
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646CTPG Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT646CTPG Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646CTPG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
6
IDT54/74FCT646T/AT/CT
FASTCMOSOCTALTRANSCEIVER/REGISTER(3-STATE)
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
54FCT646T
54/74FCT646AT
54/74FCT646CT
Mil.
Ind.
Mil.
Ind.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2) Max.
Min.(2) Max. Min.(2) Max. Unit
tPLH
PropagationDelay,
CL = 50pF
2
11
2
6.3
2
7.7
1.5
5.4
1.5
6
ns
tPHL
Bus to Bus
RL = 500
tPZH
OutputEnableTime,
2
15
2
9.8
2
10.5
1.5
7.8
1.5
8.9
ns
tPZL
G, DIR to Bus
tPHZ
OutputDisableTime,
2
11
2
6.3
2
7.7
1.5
6.3
1.5
7.7
ns
tPLZ
G, DIR to Bus
tPLH
PropagationDelay,
2
10
2
6.3
2
7
1.5
5.7
1.5
6.3
ns
tPHL
Clock to Bus
tPLH
PropagationDelay,
2
12
2
7.7
2
8.4
1.5
6.2
1.5
7
ns
tPHL
SBA or SAB to Bus
tSU
Set-up Time HIGH or LOW,
4.5
2
2
2
2
ns
Bus to Clock
tH
Hold Time HIGH or LOW,
2
1.5
1.5
1.5
1.5
ns
Bus to Clock
tW
Clock Pulse Width,
6
5
5
5
5
ns
HIGH or LOW
SWITCHING CHARACTERISTICS OVER OPERATING RANGE


Similar Part No. - IDT74FCT646CTPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT646CTPG IDT-IDT74FCT646CTPG Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT646CTPGB IDT-IDT74FCT646CTPGB Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
More results

Similar Description - IDT74FCT646CTPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com