Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32227 Datasheet(PDF) 6 Page - EPCOS

Part # B32227
Description  Metallized Polyester Film Capacitors (MKT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32227 Datasheet(HTML) 6 Page - EPCOS

  B32227 Datasheet HTML 1Page - EPCOS B32227 Datasheet HTML 2Page - EPCOS B32227 Datasheet HTML 3Page - EPCOS B32227 Datasheet HTML 4Page - EPCOS B32227 Datasheet HTML 5Page - EPCOS B32227 Datasheet HTML 6Page - EPCOS B32227 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lenght of capacitor
33 mm
45 mm
VR
Vrms
VDC
VAC
dV/dt in V/
µs
1000
220
10
1600
220
15
2500
220
25
12.5
4000
220
40
20
6300
220
40
k0 values
Lenght of capacitor
33 mm
45 mm
VR
Vrms
VDC
VAC
k0 in V2/
µs
1000
220
20 000
1600
220
48 000
2500
220
125 000
62 500
4000
220
320 000
160 000
6300
220
500 000
B32227
High voltage (wound)
6


Similar Part No. - B32227

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B3222BA1 DBLECTRO-B3222BA1 Datasheet
262Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
B3222BB1 DBLECTRO-B3222BB1 Datasheet
262Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
B3222BC1 DBLECTRO-B3222BC1 Datasheet
262Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
B3222BD1 DBLECTRO-B3222BD1 Datasheet
262Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
B3222BG1 DBLECTRO-B3222BG1 Datasheet
262Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
More results

Similar Description - B32227

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com