Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP113F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IP113F
Description  Managed 10/100Base-TX / FX Media Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IP113F Datasheet HTML 1Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 2Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
IP113F
Preliminary Data Sheet
1.
PIN Description
Type
Description
I
Input pin
O
Output pin
IPL
Input pin with pull-hi resistor
IPH
Input pin with pull-low resistor
Pin no.
Label
Type
Description
Transceiver
5, 6
RXIP, RXIM
I
TP receive
8, 9
TXOP, TXOM
O
TP transmit
2
BGRES
O
Band gap resistor
It is connected to GND through a 6.19k (1%) resistor in
application circuit.
18
FXSD
I
100Base-FX signal detect
Fiber signal detect. It is an input signal from fiber MAU.
Fiber signal detect is active if the voltage on FXSD is
higher than the threshold voltage, which is 1.35v
±5%
when VCC is equal to 2.5v.
13, 14
FXRDP, FXRDM
I
Fiber receiver data pair
16, 17
FXTDP, FXTDM
O
Fiber transmit data pair
Confidential.
5/46
Aug. 20, 2003
Copyright © 2003, IC Plus Corp.
IP113F-DS-R02


Similar Part No. - IP113F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R01 ETC2-IP113ALF-DS-R01 Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R02 ETC2-IP113ALF-DS-R02 Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R03 ETC2-IP113ALF-DS-R03 Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
IP113ALF-DS-R04 ETC2-IP113ALF-DS-R04 Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
More results

Similar Description - IP113F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
   Managed 10/100Base-TX / FX Media Converter
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
   10/100BASE-TX to 100BASE-FX Media Converter
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
   Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
   Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Axiomtek Co., Ltd.
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
   IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
EL1032T AXIOMTEK-EL1032T Datasheet
330Kb / 4P
   Industrial 10/100BASE-TX to 100BASE-FX Media Converter with PoE/PSE
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
   100Base-TX/FX Converter
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
   10/100BASE-TX to 100BASE-FX MMF ST Converter,
logo
Axiomtek Co., Ltd.
EL200 AXIOMTEK-EL200 Datasheet
481Kb / 3P
   10/100BASE-TX to 100BASE-BX WDM Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com