Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62350 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62350 Datasheet HTML 2Page - Texas Instruments TPS62350 Datasheet HTML 3Page - Texas Instruments TPS62350 Datasheet HTML 4Page - Texas Instruments TPS62350 Datasheet HTML 5Page - Texas Instruments TPS62350 Datasheet HTML 6Page - Texas Instruments TPS62350 Datasheet HTML 7Page - Texas Instruments TPS62350 Datasheet HTML 8Page - Texas Instruments TPS62350 Datasheet HTML 9Page - Texas Instruments TPS62350 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
www.ti.com
I
2C INTERFACE TIMING CHARACTERISTICS(1)
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
SLVS540D – MAY 2006 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply with
VI = 3.6 V, EN = VI, VSEL = VI, SYNC = GND, VSEL0[6] bit = 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Leakage current into SW pin
VI > VO, 0 V ≤ V(SW) ≤ VI, EN = GND
0.01
1
Ilkg
µA
Reverse leakage current into SW pin
VI = open, V(SW) = 6 V, EN = GND
0.01
1
DAC
TPS62350
TPS62351
TPS62352
Resolution
TPS62353
6
Bits
TPS62354
TPS62355
TPS62356
Differential nonlinearity
Specified monotonic by design
±0.8
LSB
TIMING
Setup Time Between Rising EN and Start of I2C
250
µs
Stream
Output voltage settling
From min to max output voltage,
VO
TPS62350
3
µs
time
IO(DC) = 500 mA, PWM operation
Time from active EN to VO
180
VO = 1.35 V, RL = 5Ω, PWM operation
TPS62350
Time from active EN to VO
170
VO = 1.05 V, IO(DC) = 0 mA, Light PFM operation
Time from active EN_DCDC bit to VO
Start-up time
TPS62351
45
µs
VO = 1.5 V, RL = 5Ω, PWM operation
Time from active EN to VO
175
VO = 1.2 V, RL = 5Ω, PWM operation
TPS62352
Time from active EN to VO
170
VO = 1.05 V, IO(DC) = 0 mA, Light PFM operation
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
100
kHz
Fast mode
400
kHz
High-speed mode (write operation), CB – 100 pF max
3.4
MHz
f(SCL)
SCL Clock Frequency
High-speed mode (read operation), CB – 100 pF max
3.4
MHz
High-speed mode (write operation), CB – 400 pF max
1.7
MHz
High-speed mode (read operation), CB – 400 pF max
1.7
MHz
Standard mode
4.7
µs
Bus Free Time Between a STOP and
tBUF
START Condition
Fast mode
1.3
µs
Standard mode
4
µs
Hold Time (Repeated) START
tHD, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
4.7
µs
Fast mode
1.3
µs
tLOW
LOW Period of the SCL Clock
High-speed mode, CB – 100 pF max
160
ns
High-speed mode, CB – 400 pF max
320
ns
Standard mode
4
µs
Fast mode
600
ns
tHIGH
HIGH Period of the SCL Clock
High-speed mode, CB – 100 pF max
60
ns
High-speed mode, CB – 400 pF max
120
ns
(1)
Specified by design. Not tested in production.
6
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62350, TPS62351 TPS62352, TPS62353 TPS62354, TPS62355, TPS62356


Similar Part No. - TPS62350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350YZG TI-TPS62350YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350YZG TI-TPS62350YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com