Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3103 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3103
Description  3-Channel Charge-Pump LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3103 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3103 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3103 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AAT3103
3-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
3103.2008.03.1.0
1
www .analogictech.com
General Description
The AAT3103 is a constant frequency charge-pump based
current-source white LED driver capable of driving one to
three LEDs up to 30mA, each. The charge pumps auto-
matically switch between 1x mode and 2x mode to main-
tain the highest efficiency and optimal LED current accu-
racy and matching. A low external parts count (one 1μF
flying capacitor, two small 1μF capacitors at IN and OUT
and one current setting resistor) makes the AAT3103 ide-
ally suited for small battery-powered applications.
The AAT3103-1/-2 uses AnalogicTech's Simple Serial
Control™ (S2Cwire™) interface to enable, disable, and
program the LED driving current. The AAT3103-4 employs
a Pulse Width Modulation (PWM) signal with up to 50kHz
frequency, 10% to 100% duty cycle to program the LED
current. A low-current shutdown feature disconnects the
load from IN and reduces quiescent current to less than
1μA. Built-in soft-start circuitry prevents excessive inrush
current during start-up. Integrated short circuit and ther-
mal protection circuitry protects the device from damage.
The AAT3103 is available in a 2x2.1mm thermally
enhanced Pb-free 10-lead SC70JW-10 package.
Features
• Source WLED Driver, up to 3 LEDs at up to 30mA, each
• Automatic Switching Between 1x and 2x Modes
• 900KHz Switching Frequency
• Linear LED Output Current Control
Single-wire, S2Cwire Interface
AAT3103-1: 16-step
AAT3103-2: 8-step
ON/OFF or PWM Interface
AAT3103-4
• ±10% LED Output Current Accuracy
• ±3% LED Output Current Matching
• Low-current Shutdown Mode
• Built-in Short Circuit and Thermal Protection
• Automatic Soft-start
• 2x2.1mm SC70JW-10 Package
Applications
• Cordless Phone Handsets
• Mobile Phone Handsets
• MP3 and PMP Players
• Digital Cameras
Typical Application
Input Voltage
2.7V to 5.5V
EN/SET
S2Cwire
Interface
IN
C+
C-
EN/SET
OUT
D1
D2
D3
RSET
RSET
14.3k
Ω
COUT
1μF
AGND
WLEDs
OSRAM LW M 678
or equivalent
AAT3103-1
CP
1μF
CIN
1μF


Similar Part No. - AAT3103

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3104 ANALOGICTECH-AAT3104 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3104IJQ-1-T1 ANALOGICTECH-AAT3104IJQ-1-T1 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3104IJQ-2-T1 ANALOGICTECH-AAT3104IJQ-2-T1 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105IJQ-T1 ANALOGICTECH-AAT3105IJQ-T1 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
More results

Similar Description - AAT3103

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com