Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF-6522 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSF-6522
Description  No-Clean Tacky Soldering Flux
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSF-6522 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSF-6522 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSF-6522 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSF-6522 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Litton
Litton
Litton
Litton
Kester Solder
Product Description
Kester formula TSF-6522 is a no-clean tacky
soldering flux formula designed to be used
with a rotating disc, a doctor blade, or a drum
fluxer.
The TSF-6522 can also be used in
dot dispensing for BGA/PGA sites or in a
rework
application
for
surface
mount
packages.
TSF-6522 maintains its activity
and dispensing characteristics for up to 8
hours and can be used in a wide range of
temperature and humidity conditions. Kester
maintains
the
highest
standards
by
manufacturing
the
TSF-6522
under
a
vacuum environment.
• High tack values and long tack life
• Leaves bright/shiny solder joints after
reflow
• ANSI/J-STD-004 flux designator ROL0
• Can reflow in air or nitrogen environments
Physical Properties (typical)
•••• Viscosity: 285 poise
Kester Method #1W-QC-3-09
•••• Tackiness (grams-force): 100
Kester Method #1W-QC-03-04
•••• Acid Number: 75.4
Kester Method #1W-QC-G-01
•••• Color: Yellow to Light Amber
Kester Method #1W-QC-G-18
Reliability Properties (typical)
•••• Copper Mirror Corrosion: Low
Tested to J-STD-004, IPC-TM-650, Method 2.3.32
•••• Corrosion Test: Low
Tested to J-STD-004, IPC-TM-650, Method 2.6.15
•••• pH 5% Solution: 7.7
Kester Method #1W-QC-G-15
Qualitative Halide Tests:
•••• Silver Chromate: Pass
Tested to J-STD-004, IPC-TM-650, Method 2.3.33
•••• Fluorides by Spot Test: Pass
Tested to J-STD-004, IPC-TM-650, Method 2.3.35.1
•••• Typical S.I.R., IPC:
Tested to J-STD-004, IPC-TM-650, Method 2.6.3.3, (B-24 coupon)
Blank at 24 hours: 3.08 x 10
10 ohms
Blank at 96 hours: 1.27 x 10
10 ohms
Blank at 168 hours: 8.79 x 10
9 ohms
Uncleaned at 24 hours: 2.56 x 10
8 ohms
Uncleaned at 96 hours: 4.17 x 10
8 ohms
Uncleaned at 168 hours: 6.38 x 10
8 ohms
•••• Typical S.I.R., Bellcore:
Tested to TR-NWT-000078, IPC B-24 coupon
Blank at 24 hours: 1.44 x 10
12ohms
Blank at 96 hours: 1.38 x 10
13 ohms
Uncleaned at 24 hours: 2.19 x 10
13 ohms
Uncleaned at 96 hours: 1.56 x 10
13 ohms
M
TSF-6522
No-Clean Tacky Soldering Flux


Similar Part No. - TSF-6522

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSF-30 TDK-TSF-30 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
TSF-40C TDK-TSF-40C Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
logo
Adam Technologies, Inc.
TSF-XX ADAM-TECH-TSF-XX Datasheet
101Kb / 1P
   TERMINAL BLOCK
More results

Similar Description - TSF-6522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW8500 ETC2-CW8500 Datasheet
55Kb / 2P
   CircuitWorks No-Clean Tacky Flux
23-6337-8806 ETC2-23-6337-8806 Datasheet
50Kb / 2P
   No-Clean Cored Wire
22460 ETC2-22460 Datasheet
210Kb / 3P
   Lead-Free No Clean Solder Paste
logo
STANLEY ELECTRIC CO.,LT...
EBW1444US-E STANLEY-EBW1444US-E Datasheet
246Kb / 13P
   High Flux , Power LED Lead-free soldering compatible
logo
Ledil, Inc.
F14622 LEDIL-F14622 Datasheet
7Mb / 15P
   ~60째 wide beam. Clean appearance with no additional attachment interface.
F14620 LEDIL-F14620 Datasheet
9Mb / 17P
   ~50째 medium beam. Clean appearance with no additional attachment interface.
F16013 LEDIL-F16013 Datasheet
5Mb / 4P
   ~35째 medium beam. Clean appearance with no additional attachment interface and compatible
F16011 LEDIL-F16011 Datasheet
5Mb / 4P
   ~35째 medium beam. Clean appearance with no additional attachment interface
F14619 LEDIL-F14619 Datasheet
7Mb / 16P
   ~10째 spot beam. Clean appearance with no additional attachment interface.
logo
TE Connectivity Ltd
C-1534326 TEC-C-1534326 Datasheet
559Kb / 1P
   MCON 1.2 CB (CLEAN BODY)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com