Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC1-C0B Datasheet(PDF) 10 Page - Vectron International, Inc

Part # VCC1-C0B
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC1-C0B Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button VCC1-C0B Datasheet HTML 2Page - Vectron International, Inc VCC1-C0B Datasheet HTML 3Page - Vectron International, Inc VCC1-C0B Datasheet HTML 4Page - Vectron International, Inc VCC1-C0B Datasheet HTML 5Page - Vectron International, Inc VCC1-C0B Datasheet HTML 6Page - Vectron International, Inc VCC1-C0B Datasheet HTML 7Page - Vectron International, Inc VCC1-C0B Datasheet HTML 8Page - Vectron International, Inc VCC1-C0B Datasheet HTML 9Page - Vectron International, Inc VCC1-C0B Datasheet HTML 10Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
VCC1 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
10
Ordering Information
Voltage Options
A= +5.0 Vdc ±10%, 15 pF
B= +3.3 Vdc ±10%, 15 pF
C= +3.0 Vdc ±10%, 15 pF
E= +5.0 Vdc ±10%, 50 pF
F= +3.3 Vdc ±10%, 50 pF
G= +2.5 Vdc ±10%, 15 pF
H= +1.8 Vdc ±10%, 15 pF
Frequency
ex.: 125M000 = 125.000 MHz
Stability Options/Temperature
A= ±100 ppm, -10 to 70°C
B= ±50 ppm, -10 to 70°C
C= ±100 ppm, -40 to 85°C
D= ±50 ppm, -40 to 85°C
K= ±32 ppm, -10 to 70°C
O= ±32 ppm, -40 to 85°C
E= ±25 ppm, -10 to 70°C
F= ±25 ppm, -40 to 85°C
VCC1-103= ±20 ppm, -10 to 70°C
Product Family
Crystal Oscillator
Electrical Options
3= Tri-state, 45/55% Duty
The following codes are not
recommended for new designs
0= No Tri-state, 40/60% Duty
1= Tri-state, 40/60% Duty
2= No Tri-state, 45/55% Duty
5= Enable, 40/60% Duty
6= Enable, 45/55% Duty
Note: Not all combinations of options are available.
Tri-state with a 45/55% is the most common Electrical code and is recommended for most applications.
www.vectron.com
June 22, 2007
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881


Similar Part No. - VCC1-C0B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCC1-C0B-125M00 ETC1-VCC1-C0B-125M00 Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC1-C0B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com