Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375B12C500A Datasheet(PDF) 4 Page - Vicor Corporation

Part # V375B12C500A
Description  300Vin / 3.3Vout / 264Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B12C500A Datasheet(HTML) 4 Page - Vicor Corporation

  V375B12C500A Datasheet HTML 1Page - Vicor Corporation V375B12C500A Datasheet HTML 2Page - Vicor Corporation V375B12C500A Datasheet HTML 3Page - Vicor Corporation V375B12C500A Datasheet HTML 4Page - Vicor Corporation V375B12C500A Datasheet HTML 5Page - Vicor Corporation V375B12C500A Datasheet HTML 6Page - Vicor Corporation V375B12C500A Datasheet HTML 7Page - Vicor Corporation V375B12C500A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V300A3V3C264A DC-DC Converter
Rev. 5.2
Page 4 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PC PIN
Module Enable/Disable
The module may be disabled by pulling PC below 2.3V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will shut
down and PC will go low. PC will periodically go high and the
module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin will
go low in the event of a fault and return to its normal state after
the fault has been cleared. See Figures 2 and 4.
+In
PC
PR
–In
Disable
Disable = PC <2.3V
Figure 1—Module enable/disable.
Figure 3—LED on-state indicator.
+In
PC
PR
–In
4k
"Module
Enabled"
+In
PC
PR
–In
Optocoupler
4k
Alarm
1.00V
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Input Undervoltage
2-20ms typ.
f (VIN)
Auto
Restart
5.7Vdc
(0-3mA)
50
SW2
SW3
1.23
Vdc
6K
1K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage
Overtemperature
Module Faults
Figure 2—PC/SC module alarm logic.
Figure 5—Isolated on-state indicator.
2-20ms typ.
Fault
SC
PC
1.23V
5.7V
40
µs typ.
Figure 4—PC/SC module alarm timing.
Figure 6—Secondary side on-state indicator.
Primary Auxiliary Supply
At 5.7V, PC can source up to 1.5mA. In the example shown in
Figure 3, PC powers a module enabled LED.


Similar Part No. - V375B12C500A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B12C500A VICOR-V375B12C500A Datasheet
192Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V375B12C500A VICOR-V375B12C500A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V375B12C500A VICOR-V375B12C500A Datasheet
194Kb / 8P
   24Vin / 28Vout / 400Watts DC-DC Converter Module
V375B12C500A VICOR-V375B12C500A Datasheet
194Kb / 8P
   48Vin / 24Vout / 500Watts DC-DC Converter Module
V375B12C500A VICOR-V375B12C500A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
More results

Similar Description - V375B12C500A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A3V3C264B VICOR-V300A3V3C264B Datasheet
151Kb / 8P
   300Vin / 3.3Vout / 264Watts DC-DC Converter Module
V24A3V3C264A VICOR-V24A3V3C264A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A3V3C264B VICOR-V48A3V3C264B Datasheet
150Kb / 8P
   48Vin / 3.3Vout / 264Watts DC-DC Converter Module
V24A3V3C264B VICOR-V24A3V3C264B Datasheet
150Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V375A3V3C264B VICOR-V375A3V3C264B Datasheet
150Kb / 8P
   375Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48A3V3C264A VICOR-V48A3V3C264A Datasheet
246Kb / 8P
   48Vin / 3.3Vout / 264Watts DC-DC Converter Module
V300B3V3C150B VICOR-V300B3V3C150B Datasheet
145Kb / 8P
   300Vin / 3.3Vout / 150Watts DC-DC Converter Module
V300C3V3C75B VICOR-V300C3V3C75B Datasheet
142Kb / 8P
   300Vin / 3.3Vout / 75Watts DC-DC Converter Module
V300A24C500B VICOR-V300A24C500B Datasheet
152Kb / 8P
   300Vin / 24Vout / 500Watts DC-DC Converter Module
V300B24C250B VICOR-V300B24C250B Datasheet
145Kb / 8P
   300Vin / 24Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com