Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3432E-40U6T Datasheet(PDF) 6 Page - STMicroelectronics

Part # UPSD3432E-40U6T
Description  Fast Turbo 8032 MCU with USB and Programmable Logic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3432E-40U6T Datasheet(HTML) 6 Page - STMicroelectronics

  UPSD3432E-40U6T Datasheet HTML 1Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 2Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 3Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 4Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 5Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 6Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 7Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 8Page - STMicroelectronics UPSD3432E-40U6T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
uPSD34xx
6/9
Table 2. Major Parameters
Note: 1. Operating current is measured while the uPSD34xx is executing a typical program at 40MHz.
Parameter
Test Conditions/Comments
5.0V Value
3.3V Value
Unit
Operating Voltage
4.5 to 5.5 (PSD);
3.0 to 3.6 (MCU)
3.0 to 3.6
(PSD and MCU)
V
Operating Temperature
–40 to 85
–40 to 85
°C
MCU Frequency
8MHz (min) for I2C
3 Min, 40 Max
3 Min, 40 Max
MHz
Operating Current, Typical(1)
(20% of PLD used; 25°C
operation. Bus control signals are
blocked from the PLD in Non-
Turbo mode.)
40MHz Crystal, Turbo
79
63
mA
40MHz Crystal, Non-Turbo
71
58
mA
8MHz Crystal, Turbo
32
24
mA
8MHz Crystal, Non-Turbo
17.7
14
mA
Idle Current, Typical
(20% of PLD used; 25°C
operation)
40MHz Crystal divided by 2048
internally.
All interfaces are disabled.
19
18
mA
Standby Current, Typical
Power-down Mode
needs reset to exit.
140
120
µA
SRAM Backup Current, Typical
If external battery is attached.
0.5
0.5
µA
I/O Sink/Source Current,
Ports A, B, C, and D
VOL = 0.45V (max);
VOH = 2.4V (min)
IOL = 8 (max);
IOH = –2 (min)
IOL = 4 (max);
IOH = –1 (min)
mA
I/O Sink/Source Current,
Port 4
VOL = 0.6V (max);
VOH = 2.4V (min)
IOL = 10 (max);
IOH = –10 (min)
IOL = 10 (max);
IOH = –10 (min)
mA
PLD Macrocells
For registered or
combinatorial logic
16
16
PLD Inputs
Inputs from pins, feedback,
or MCU addresses
69
69
PLD Outputs
Output to pins or
internal feedback
18
18
PLD Propagation Delay, Typical,
Turbo Mode
PLD input to output
15
22
ns


Similar Part No. - UPSD3432E-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3432E-40U6T STMICROELECTRONICS-UPSD3432E-40U6T Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3432E-40U6T STMICROELECTRONICS-UPSD3432E-40U6T Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
More results

Similar Description - UPSD3432E-40U6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com