Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162H245CTPACT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74FCT162H245CTPACT
Description  16-Bit Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162H245CTPACT Datasheet(HTML) 5 Page - Texas Instruments

  74FCT162H245CTPACT Datasheet HTML 1Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 2Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 8Page - Texas Instruments 74FCT162H245CTPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY74FCT16245T
CY74FCT162245T
CY74FCT162H245T
5
]
Switching Characteristics Over the Operating Range[14]
Description
74FCT16245T
74FCT162245T
74FCT16245AT
74FCT162245AT
74FCT162H245AT
Fig.
No.[15]
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay Data to Output
A to B, B to A
1.5
7.0
1.5
4.5
ns
1, 3
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
9.5
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
7.5
1.5
5.0
ns
1, 7, 8
tPZH
tPZL
Output Enable Time
DIR to A or B
1.5
9.5
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR to A or B
1.5
7.5
1.5
5.0
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
0.5
ns
Description
74FCT16245CT
74FCT162245CT
74FCT162H245CT
Fig.
No.[15]
Parameter
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay Data to Output
A to B, B to A
1.5
4.1
ns
1, 3
tPZH
tPZL
Output Enable Time
OE to A or B
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OE to A or B
1.5
4.8
ns
1, 7, 8
tPZH
tPZL
Output Enable Time
DIR to A or B
1.5
5.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
DIR to A or B
1.5
4.8
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
ns
Note:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information section.
16. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.
Ordering Information CY74FCT16245
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.1
CY74FCT16245CTPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT16245CTPVC/PVCT
O48
48-Lead (300-Mil) SSOP
4.5
CY74FCT16245ATPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT16245ATPVC/PVCT
O48
48-Lead (300-Mil) SSOP
7.0
CY74FCT16245TPACT
Z48
48-Lead (240-Mil) TSSOP
Industrial
CY74FCT16245TPVC/PVCT
O48
48-Lead (300-Mil) SSOP


Similar Part No. - 74FCT162H245CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162H245CTPACT TI-74FCT162H245CTPACT Datasheet
70Kb / 9P
[Old version datasheet]   16-bIT TRANSCEI
More results

Similar Description - 74FCT162H245CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163245 TI-CY74FCT163245 Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
CY74FCT163245 TI1-CY74FCT163245_05 Datasheet
137Kb / 10P
[Old version datasheet]   16-Bit Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com